Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3763 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3763
Description  60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3763 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3763 Datasheet HTML 17Page - Linear Technology LT3763 Datasheet HTML 18Page - Linear Technology LT3763 Datasheet HTML 19Page - Linear Technology LT3763 Datasheet HTML 20Page - Linear Technology LT3763 Datasheet HTML 21Page - Linear Technology LT3763 Datasheet HTML 22Page - Linear Technology LT3763 Datasheet HTML 23Page - Linear Technology LT3763 Datasheet HTML 24Page - Linear Technology LT3763 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8390A
21
8390afa
For more information www.linear.com/LT8390A
APPLICATIONS INFORMATION
∆VCAP(BOOST) =
IOUT(MAX) • VOUT − VIN(MIN)
(
)
COUT • VOUT • f
∆VCAP(BUCK) =
VOUT • 1−
VOUT
VIN(MAX)


8 •L • f2 • COUT
The maximum steady ripple due to the voltage drop across
the ESR is given by:
∆VESR(BOOST) =
VOUT •IOUT(MAX)
VIN(MIN)
•ESR
∆VESR(BUCK) =
VOUT • 1−
VOUT
VIN(MAX)


L • f
•ESR
INTVCC Regulator
An internal P-channel low dropout regulator produces
5V at the INTVCC pin from the VIN supply pin. The INTVCC
powers internal circuitry and gate drivers in the LT8390A.
The INTVCC regulator can supply a peak current of 145mA
and must be bypassed to ground with a minimum of
4.7µF ceramic capacitor. Good local bypass is necessary
to supply the high transient current required by MOSFET
gate drivers.
Higher input voltage applications with large MOSFETs be-
ing driven at higher switching frequencies may cause the
maximum junction temperature rating for the LT8390A
to be exceeded. The system supply current is normally
dominated by the gate charge current. Additional external
loading of the INTVCC also needs to be taken into account
for the power dissipation calculation. The total LT8390A
power dissipation in this case is VIN • IINTVCC, and overall
efficiency is lowered. The junction temperature can be
estimated by using the equation:
TJ = TA + PD •
θJA
where
θJA (in °C/W) is the package thermal resistance.
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked op-
erating in continuous mode at maximum VIN.
Figure 12. VIN Undervoltage Lockout (UVLO)
Top Gate MOSFET Driver Supply (CBST1, CBST2)
ThetopMOSFETdrivers,TG1andTG2,aredrivenbetween
their respective SW and BST pin voltages. The boost volt-
ages are biased from floating bootstrap capacitors CBST1
and CBST2,whicharenormallyrechargedthroughboththe
externalandinternalbootstrapdiodeswhentherespective
top MOSFET is turned off. External bootstrap diodes are
recommended because the internal bootstrap diodes are
notalwaysstrongenoughtorefreshtopMOSFETsat 2MHz.
Both capacitors are charged to the same voltage as the
INTVCCvoltage.ThebootstrapcapacitorsCBST1andCBST2,
need to store about 100 times the gate charge required by
the top switches A and D. In most applications, a 0.1µF
to 0.47µF, X5R or X7R dielectric capacitor is adequate.
Programming VIN UVLO
A resistor divider from VINtotheEN/UVLOpinimplements
VIN undervoltage lockout (UVLO). The EN/UVLO enable
falling threshold is set at 1.220V with 13mV hysteresis. In
addition, the EN/UVLO pin sinks 2.5µA when the voltage
on the pin is below 1.220V. This current provides user
programmable hysteresis based on the value of R1. The
programmable UVLO thresholds are:
VIN(UVLO+) = 1.233V •
R1+R2
R2
+ 2.5µA •R1
VIN(UVLO−) = 1.220V •
R1+R2
R2
Figure12showstheimplementationofexternalshut-down
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8390Ainshutdownwithquiescentcurrentlessthan2µA.
LT8390A
VIN
R1
R2
RUN/STOP
CONTROL
(OPTIONAL)
8390a F12
EN/UVLO
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com