Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4630 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4630
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 9Page - Linear Technology LTM4630 Datasheet HTML 10Page - Linear Technology LTM4630 Datasheet HTML 11Page - Linear Technology LTM4630 Datasheet HTML 12Page - Linear Technology LTM4630 Datasheet HTML 13Page - Linear Technology LTM4630 Datasheet HTML 14Page - Linear Technology LTM4630 Datasheet HTML 15Page - Linear Technology LTM4630 Datasheet HTML 16Page - Linear Technology LTM4630 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC3774
13
3774fc
For more information www.linear.com/LTC3774
OPERATION
Multiphase Operation
For output loads that demand high current, multiple
LTC3774scanbedaisychainedtorunoutofphasetoprovide
more output current without increasing input and output
voltageripple.TheMODE/PLLINpinallowstheLTC3774to
synchronizetotheCLKOUTsignalofanotherLTC3774. The
CLKOUTsignalcanbeconnectedtotheMODE/PLLINpinof
the following LTC3774 stage to line up both the frequency
andthephaseoftheentiresystem.TyingthePHSMDpinto
INTVCC, GND or floating it generates a phase difference
(between CH1 and CLKOUT) of 240°, 60° or 90° respec-
tively, and a phase difference (between CH1 and CH2) of
120°, 180° or 180°. Tying PHSMD to 1/4 or 3/4 of INTVCC
generates a phase difference of 60° and 45° between CH1
and CLKOUT. Figure 1 shows the PHSMD connections
necessary for 3-, 4-, 6-, 8- or 12-phase operation. A total
of 12 phases can be daisychained to run simultaneously
out of phase with respect to each other.
Sensing the Output Voltage with a
Differential Amplifier
The LTC3774 includes a low offset, high input impedance,
unity-gain, high bandwidth differential amplifier for ap-
plications that require true remote sensing. Sensing the
load across the load capacitors directly benefits regulation
in high current, low voltage applications, where board
interconnection losses can be a significant portion of the
total error budget. Connect VOSNS+ to the center tap of the
feedback divider across the output load, and VOSNS– to
the load ground. See Figure 2.
The LTC3774 differential amplifier is configured for unity
gain, meaning that the difference between VOSNS+ and
VOSNS– is translated to its output, relative to GND. The
differential amplifier’s output is internally connected to
the error amplifier inverting input.
Care should be taken to route the VOSNS+ and VOSNS– PCB
traces parallel to each other all the way to the remote sens-
ing points on the board. In addition, avoid routing these
sensitive traces near any high speed switching nodes in
the circuit. Ideally, the VOSNS+ and VOSNS– traces should
be shielded by a low impedance ground plane to maintain
signal integrity.
Figure 2. Differential Amplifier Connection
LTC3774
VOSNS+
CF1
RD1
COUT1
COUT2
VOUT
10
RD2
VOSNS–
3774 F02
10
–
+
DIFFAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com