Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3401 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3401
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 17Page - Linear Technology LTC3401 Datasheet HTML 18Page - Linear Technology LTC3401 Datasheet HTML 19Page - Linear Technology LTC3401 Datasheet HTML 20Page - Linear Technology LTC3401 Datasheet HTML 21Page - Linear Technology LTC3401 Datasheet HTML 22Page - Linear Technology LTC3401 Datasheet HTML 23Page - Linear Technology LTC3401 Datasheet HTML 24Page - Linear Technology LTC3401 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC1871X
21
1871xf
For more information www.linear.com/LTC1871X
APPLICATIONS INFORMATION
A second, more severe transient can occur when con-
necting loads with large (>1µF) supply bypass capacitors.
The discharged bypass capacitors are effectively put in
parallel with CO, causing a nearly instantaneous drop in
VO. No regulator can deliver enough current to prevent
this problem if the load switch resistance is low and it is
driven quickly. The only solution is to limit the rise time
of the switch drive in order to limit the inrush current di/
dt to the load.
Boost Converter Design Example
Thedesignexamplegivenherewillbeforthecircuitshown
in Figure 1. The input voltage is 3.3V, and the output is 5V
at a maximum load current of 7A (10A peak).
1. The duty cycle is:
D=
VO + VD – VIN
VO + VD
⎛
⎝⎜
⎞
⎠⎟
=
5 + 0.4 – 3.3
5 + 0.4
= 38.9%
2. Pulse-skip operation is chosen so the MODE/SYNC pin
is shorted to INTVCC.
3. The operating frequency is chosen to be 300kHz to
reduce the size of the inductor. From Figure 5, the
resistor from the FREQ pin to ground is 80k.
4. An inductor ripple current of 40% of the maximum load
current is chosen, so the peak input current (which is
also the minimum saturation current) is:
IIN(PEAK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
•
IO(MAX)
1– DMAX
= 1.2 •
7
1– 0.39
= 13.8A
The inductor ripple current is:
Δ
IL = χ •
IO(MAX)
1– DMAX
= 0.4 •
7
1– 0.39
= 4.6A
And so the inductor value is:
L =
VIN(MIN)
ΔIL • f
•DMAX =
3.3V
4.6A • 300kHz
• 0.39 = 0.93µH
The component chosen is a 1µH inductor made by
Sumida (part number CEP125-H 1ROMH) which has
a saturation current of greater than 20A.
5. With the input voltage to the IC bootstrapped to the
output of the power supply (5V), a logic-level MOSFET
can be used. Because the duty cycle is 39%, the maxi-
mum SENSE pin threshold voltage is reduced from its
low duty cycle typical value of 150mV to approximately
140mV. Assuming a MOSFET junction temperature of
125°C, the room temperature MOSFET RDS(ON) should
be less than:
RDS(ON) ≤ VSENSE(MAX) •
1– DMAX
1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
•IO(MAX) •ρT
= 0.140V •
1– 0.39
1+
0.4
2
⎛
⎝⎜
⎞
⎠⎟
• 7A • 1.5
= 6.8mΩ
The MOSFET used was the Fairchild FDS7760A, which
has a maximum RDS(ON) of 8mΩ at 4.5V VGS, a BVDSS
of greater than 30V, and a gate charge of 37nC at 5V
VGS.
6. The diode for this design must handle a maximum
DC output current of 10A and be rated for a minimum
reverse voltage of VOUT, or 5V. A 25A, 15V diode from
On Semiconductor (MBRB2515L) was chosen for its
high power dissipation capability.
7. The output capacitor usually consists of a high valued
bulk C connected in parallel with a lower valued, low
ESRceramic.Basedonamaximumoutputripplevoltage
of 1%, or 50mV, the bulk C needs to be greater than:
COUT ≥
IOUT(MAX)
0.01• VOUT • f
=
7A
0.01• 5V • 300kHz
=
466µF
The RMS ripple current rating for this capacitor needs
to exceed:
IRMS(COUT) ≥IO(MAX) •
VO – VIN(MIN)
VIN(MIN)
=
7A •
5V – 3.3V
3.3V
= 5A
To satisfy this high RMS current demand, four 150µF
Panasonic capacitors (EEFUEOJ151R) are required.
In parallel with these bulk capacitors, two 22µF,
low ESR (X5R) Taiyo Yuden ceramic capacitors
(JMK325BJ226MM)areaddedforHFnoisereduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com