Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3402 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 18Page - Linear Technology LTC3402 Datasheet HTML 19Page - Linear Technology LTC3402 Datasheet HTML 20Page - Linear Technology LTC3402 Datasheet HTML 21Page - Linear Technology LTC3402 Datasheet HTML 22Page - Linear Technology LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC1871X
22
1871xf
For more information www.linear.com/LTC1871X
APPLICATIONS INFORMATION
Check the output ripple with a single oscilloscope
probe connected directly across the output capacitor
terminals, where the HF switching currents flow.
8. The choice of an input capacitor for a boost converter
depends on the impedance of the source supply and
the amount of input ripple the converter will safely tol-
erate. For this particular design and lab setup a 100µF
Sanyo Poscap (6TPC 100M), in parallel with two 22µF
Taiyo Yuden ceramic capacitors (JMK325BJ226MM)
is required (the input and return lead lengths are kept
to a few inches, but the peak input current is close to
20A!). As with the output node, check the input ripple
with a single oscilloscope probe connected across the
input capacitor terminals.
PC Board Layout Checklist
1. Inordertominimizeswitchingnoiseandimproveoutput
load regulation, the GND pin of the LTC1871X should
be connected directly to 1) the negative terminal of the
INTVCC decoupling capacitor, 2) the negative terminal
of the output decoupling capacitors, 3) the source of
the power MOSFET or the bottom terminal of the sense
resistor, 4) the negative terminal of the input capacitor
and 5) at least one via to the ground plane immediately
adjacent to Pin 6. The ground trace on the top layer of
the PC board should be as wide and short as possible
to minimize series resistance and inductance.
2. Beware of ground loops in multiple layer PC boards.
Try to maintain one central ground node on the board
and use the input capacitor to avoid excess input ripple
for high output current power supplies. If the ground
plane is to be used for high DC currents, choose a path
away from the small-signal components.
3. Place the CVCC capacitor immediately adjacent to the
INTVCC and GND pins on the IC package. This capacitor
carries high di/dt MOSFET gate drive currents. A low
ESR and ESL 4.7µF ceramic capacitor works well here.
4. The high di/dt loop from the bottom terminal of the
output capacitor, through the power MOSFET, through
the boost diode and back through the output capacitors
should be kept as tight as possible to reduce inductive
ringing. Excess inductance can cause increased stress
on the power MOSFET and increase HF noise on the
output. If low ESR ceramic capacitors are used on the
output to reduce output noise, place these capacitors
close to the boost diode in order to keep the series
inductance to a minimum.
5. Check the stress on the power MOSFET by measuring
its drain-to-source voltage directly across the device
terminals (reference the ground of a single scope probe
directly to the source pad on the PC board). Beware
of inductive ringing which can exceed the maximum
specified voltage rating of the MOSFET. If this ringing
cannot be avoided and exceeds the maximum rating
of the device, either choose a higher voltage device
or specify an avalanche-rated power MOSFET. Not all
MOSFETs are created equal (some are more equal than
others).
6. Place the small-signal components away from high
frequency switching nodes. In the layout shown in
Figure 13, all of the small-signal components have
been placed on one side of the IC and all of the power
components have been placed on the other. This also
allows the use of a pseudo-Kelvin connection for the
signal ground, where high di/dt gate driver currents
flow out of the IC ground pin in one direction (to the
bottom plate of the INTVCC decoupling capacitor) and
small-signal currents flow in the other direction.
7. If a sense resistor is used in the source of the power
MOSFET, minimize the capacitance between the SENSE
pin trace and any high frequency switching nodes. The
LTC1871X contains an internal leading edge blanking
timeofapproximately180ns,whichshouldbeadequate
for most applications.
8. For optimum load regulation and true remote sensing,
the top of the output resistor divider should connect
independently to the top of the output capacitor (Kelvin
connection), staying away from any high dV/dt traces.
Place the divider resistors near the LTC1871X in order
to keep the high impedance FB node short.
9. For applications with multiple switching power con-
verters connected to the same input supply, make
sure that the input filter capacitor for the LTC1871X
is not shared with other converters. AC input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com