Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1709 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1709
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1709 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1709 Datasheet HTML 17Page - Linear Technology LT1709 Datasheet HTML 18Page - Linear Technology LT1709 Datasheet HTML 19Page - Linear Technology LT1709 Datasheet HTML 20Page - Linear Technology LT1709 Datasheet HTML 21Page - Linear Technology LT1709 Datasheet HTML 22Page - Linear Technology LT1709 Datasheet HTML 23Page - Linear Technology LT1709 Datasheet HTML 24Page - Linear Technology LT1709 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3728L-1
21
3728l1fc
APPLICATIONS INFORMATION
pulling up the PLLFLTR pin. When the external frequency is
less than f0SC, current is sunk continuously, pulling down
the PLLFLTR pin. If the external and internal frequencies
are the same but exhibit a phase difference, the current
sources turn on for an amount of time corresponding to
the phase difference. Thus the voltage on the PLLFLTR pin
is adjusted until the phase and frequency of the external
and internal oscillators are identical. At this stable operat-
ing point the phase comparator output is open and the
filter capacitor CLP holds the voltage. The IC’s PLLIN pin
must be driven from a low impedance source such as a
logic gate located close to the pin. When using multiple
ICs for a phase-locked system, the PLLFLTR pin of the
master oscillator should be biased at a voltage that will
guarantee the slave oscillator(s) ability to lock onto the
master’s frequency. A DC voltage of 0.7V to 1.7V applied
to the master oscillator’s PLLFLTR pin is recommended
in order to meet this requirement. The resultant operating
frequency can range from 300kHz to 500kHz.
The loop filter components (CLP, RLP) smooth out the cur-
rent pulses from the phase detector and provide a stable
input to the voltage controlled oscillator. The filter compo-
nents CLP and RLP determine how fast the loop acquires
lock. Typically RLP =10kΩ and CLP is 0.01μF to 0.1μF.
Minimum On-Time Considerations
Minimum on-time tON(MIN)isthesmallesttimedurationthat
each controller is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that
tON(MIN) <
VOUT
VIN(f)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for each controller is approximately
100ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 150ns.
This is of particular concern in forced continuous applica-
tions with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with cor-
respondingly larger current and voltage ripple.
FCB Pin Operation
The FCB pin can be used to regulate a secondary winding
or as a logic level input. Continuous operation is forced
on both controllers when the FCB pin drops below 0.8V.
During continuous mode, current flows continuously in
the transformer primary. The secondary winding(s) draw
current only when the bottom, synchronous switch is on.
When primary load currents are low and/or the VIN/VOUT
ratio is low, the synchronous switch may not be on for a
sufficient amount of time to transfer power from the output
capacitor to the secondary load. Forced continuous opera-
tion will support secondary windings providing there is
sufficient synchronous switch duty factor. Thus, the FCB
input pin removes the requirement that power must be
drawn from the inductor primary in order to extract power
from the auxiliary windings. With the loop in continuous
mode, the auxiliary outputs may nominally be loaded
without regard to the primary output load.
The secondary output voltage VSECisnormallysetasshown
in Figure 6a by the turns ratio N of the transformer:
VSEC ≅ (N + 1) VOUT
However, if the controller goes into Burst Mode operation
and halts switching due to a light primary load current, then
VSEC will droop. An external resistive divider from VSEC to
the FCB pin sets a minimum voltage VSEC(MIN):
VSEC(MIN) 0.8V 1+
R6
R5
where R5 and R6 are shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com