Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3852 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3852
Description  Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3852 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3852 Datasheet HTML 9Page - Linear Technology LTC3852 Datasheet HTML 10Page - Linear Technology LTC3852 Datasheet HTML 11Page - Linear Technology LTC3852 Datasheet HTML 12Page - Linear Technology LTC3852 Datasheet HTML 13Page - Linear Technology LTC3852 Datasheet HTML 14Page - Linear Technology LTC3852 Datasheet HTML 15Page - Linear Technology LTC3852 Datasheet HTML 16Page - Linear Technology LTC3852 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC3852
13
3852f
is recommended that there is always a load present during
the drop-out transition to ensure CB is recharged.
Shutdown and Start-Up (RUN, SHDN and TRACK/SS)
The switching regulator section of the LTC3852 can be
shut down using the RUN pin. Pulling this pin below 1.1V
disables the controller and most of the internal circuitry.
Releasing the RUN pin allows an internal 2μA current to
pull up the pin and enable the controller. Alternatively, the
RUN pin may be externally pulled up or driven directly by
logic. Be careful not to exceed the absolute maximum
rating of 6V on this pin.
The start-up of the controller’s output voltage, VOUT, is
controlled by the voltage on the TRACK/SS pin. When the
voltage on the TRACK/SS pin is less than the 0.8V internal
reference, the LTC3852 regulates the VFB voltage to the
TRACK/SS pin voltage instead of the 0.8V reference. This
allows the TRACK/SS pin to be used to program a soft-start
by connecting an external capacitor from the TRACK/SS
pin to GND. An internal 1μA pull-up current charges this
capacitor, creating a voltage ramp on the TRACK/SS pin.
As the TRACK/SS voltage rises linearly from 0V to 0.8V
(and beyond), the output voltage VOUT rises smoothly from
zero to its final value. Alternatively, the TRACK/SS pin can
be used to cause the start-up of VOUT to “track” another
supply. Typically, this requires connecting to the TRACK/SS
pin an external resistor divider from the other supply to
ground (see the Applications Information section). When
the RUN pin is pulled low to disable the controller, or when
INTVCC drops below its undervoltage lockout threshold
of 3.2V, the TRACK/SS pin is pulled low by an internal
MOSFET. When in undervoltage lockout, the controller is
disabled and the external MOSFETs are held off.
The charge pump is separately controlled by SHDN. In
shutdown mode, all charge pump circuitry is turned off and it
drawsonlyleakagecurrentfromtheVIN1supply.Furthermore,
VPUMP is disconnected from VIN1. The SHDN pin is a CMOS
input with a threshold voltage of approximately 0.7V. The
charge pump is in shutdown when a logic low is applied to
the SHDN pin. Since the SHDN pin is a very high impedance
CMOS input, it should never be allowed to float. To ensure
that its state is defined, it must always be driven with a valid
logic level not exceeding VIN1, even if it is tied to RUN.
OPERATION
Since the output voltage of the charge pump can go above
the input voltage, special circuitry is required to control the
internal logic. Detection logic will draw an input current
of 5μA when in shutdown. However, this current will
be eliminated if the output voltage (VPUMP) is less than
approximately 0.8V.
The charge pump has built-in soft-start circuitry to prevent
excessive current flow during start-up. The soft-start is
achieved by charging an internal capacitor with a very weak
current source. The voltage on this capacitor, in turn, slowly
ramps the amount of current available to the output storage
capacitor from zero to a value of 50mA over a period of
approximately 125μs. The soft-start circuit is reset in the
event of a commanded shutdown or thermal shutdown.
Light Load Current Operation (Burst Mode Operation,
Pulse skipping or Continuous Conduction)
The LTC3852 can be enabled for high efficiency Burst
Mode operation, constant frequency pulse skipping mode
or forced continuous conduction mode. To select forced
continuous operation, tie the MODE/PLLIN pin to INTVCC.
To select pulse skipping mode of operation, float the
MODE/PLLIN pin or tie it to GND2. To select Burst Mode
operation, tie MODE/PLLIN to INTVCC through a resistor
no less than 50k, but no greater than 250k.
When the controller is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-fourth of the maximum sense voltage even though
the voltage on the ITH pin indicates a lower value. If the
average inductor current is higher than the load current,
the error amplifier, EA, will decrease the voltage on the ITH
pin. When the ITH voltage drops below 0.4V, the internal
sleep signal goes high (enabling sleep mode) and both
external MOSFETs are turned off.
In sleep mode, the load current is supplied by the output
capacitor. As the output voltage decreases, the EA’s output
begins to rise. When the output voltage drops enough, the
sleep signal goes low, and the controller resumes normal
operation by turning on the top external MOSFET on the
next cycle of the internal oscillator. When the controller is
enabled for Burst Mode operation, the inductor current is
not allowed to reverse. The reverse current comparator,
IREV, turns off the bottom external MOSFET just before the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com