Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4676A Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4676A
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Datasheet(HTML) 4 Page - Linear Technology

  LTM4676A Datasheet HTML 1Page - Linear Technology LTM4676A Datasheet HTML 2Page - Linear Technology LTM4676A Datasheet HTML 3Page - Linear Technology LTM4676A Datasheet HTML 4Page - Linear Technology LTM4676A Datasheet HTML 5Page - Linear Technology LTM4676A Datasheet HTML 6Page - Linear Technology LTM4676A Datasheet HTML 7Page - Linear Technology LTM4676A Datasheet HTML 8Page - Linear Technology LTM4676A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3874-1
4
38741f
For more information www.linear.com/LTC3874-1
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3874-1 is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3874E-1 is guaranteed to meet specifications
from 0°C to 85°C junction temperature. Specifications over the –40°Ç
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3874I-1 is guaranteed over the –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the related package thermal
impedance and other environmental factors. The junction temperature TJ
is calculated from the ambient temperature TA and power dissipation PD
according to the following formula: TJ = TA + (PD • 46.9°C/W)
Note 3: Output voltage is set and controlled by master controller in
multiphase operations.
Note 4: The minimum on-time condition corresponds to an inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 5: EXTVCC is enabled only if VIN is higher than 6.5V.
elecTrical characTerisTics
Typical perForMance characTerisTics
Load Step (Discontinuous
Conduction Mode) 4-Phase with
Master Controller LTC3884-1
Efficiency and Power Loss vs
Output Current (4-Phase with
Master Controller LTC3884-1)
Load Step (Forced Continuous
Mode) 4-Phase with Master
Controller LTC3884-1
Efficiency vs Output Current
and Mode (4-Phase with Master
Controller LTC3884-1)
Efficiency vs Output Current
and Mode (4-Phase with Master
Controller LTC3884-1)
(TA = 25°C unless otherwise specified)
VIN = 12V
VOUT = 1.8V
fSW = 425kHz
CCM
DCM
LOAD CURRENT (A)
0 10 20 30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
70
80
90
100
38741 G1
VIN = 12V
VOUT = 1.2V
fSW = 425kHz
CCM
DCM
LOAD CURRENT (A)
0 10 20 30 40 50 60 70 80 90 100 110 120
0
10
20
30
40
50
60
70
80
90
100
38741 G2
VIN = 12V
VOUT = 1.8V
fSW = 425kHz
CCM
EFFICIENCY
POWER LOSS
0.29mΩ
1.5mΩ
0.29mΩ
1.5mΩ
LOAD CURRENT (A)
0 10 20 30 40 50 60 70 80 90 100 110 120
70
75
80
85
90
95
100
2
5
8
11
14
17
20
38741 G3
VIN = 12V
VOUT = 1.2V
ILOAD 0A TO 20A
50µs/DIV
ILOAD
50A/DIV
VOUT
AC-COUPLED
50mV/DIV
IL(SLAVE0)
10A/DIV
IL(MASTER0)
10A/DIV
38741 G04
VIN = 12V
VOUT = 1.2V
ILOAD 0A TO 20A
50µs/DIV
ILOAD
50A/DIV
VOUT
AC-COUPLED
50mV/DIV
I(SLAVE0)
10A/DIV
I(MASTER0)
10A/DIV
38741 G05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com