Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4675 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4675
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology LTM4675 Datasheet HTML 12Page - Linear Technology LTM4675 Datasheet HTML 13Page - Linear Technology LTM4675 Datasheet HTML 14Page - Linear Technology LTM4675 Datasheet HTML 15Page - Linear Technology LTM4675 Datasheet HTML 16Page - Linear Technology LTM4675 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3874-1
13
38741f
For more information www.linear/LTC3874-1
applicaTions inForMaTion
current occurs at the highest input voltage. To guarantee
that ripple current does not exceed a specified maximum,
the inductor should be chosen according to:
L
≥
VIN – VOUT
fOSC •IRIPPLE
•
VOUT
VIN
Inductor Core Selection
Once the inductance value is determined, the type of in-
ductor must be selected. Core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
moreturnsofwireandthereforecopperlosseswillincrease.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductancecollapsesabruptlywhenthepeakdesigncurrent
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET and Schottky Diode
(Optional) Selection
When we use discrete gate driver and MOSFETs, at least
two external power MOSFETs need to be selected: One
N-channel MOSFET for the top (main) switch and one or
moreN-channelMOSFET(s)forthebottom(synchronous)
switch.Thenumber,typeandon-resistanceofallMOSFETs
selected take into account the voltage step-down ratio
as well as the actual position (main or synchronous) in
which the MOSFET will be used. A much smaller and much
lower input capacitance MOSFET should be used for the
top MOSFET in applications that have an output voltage
that is less than one-third of the input voltage. In applica-
tions where VIN >> VOUT, the top MOSFETs’ on-resistance
is normally less important for overall efficiency than its
input capacitance at operating frequencies above 300kHz.
MOSFET manufacturers have designed special purpose
devices that provide reasonably low on-resistance with
significantlyreducedinputcapacitanceforthemainswitch
application in switching regulators.
The peak-to-peak MOSFET gate drive levels are set by the
internal regulator voltage, VINTVCC, requiring the use of
logic-level threshold MOSFETs in most applications. Pay
close attention to the BVDSSspecificationfortheMOSFETs
as well; many of the logic-level MOSFETs are limited to
30V or less. Selection criteria for the power MOSFETs
include the on-resistance, RDS(ON), input capacitance,
inputvoltageandmaximumoutputcurrent.MOSFETinput
capacitance is a combination of several components but
can be taken from the typical gate charge curve included
on most data sheets (Figure 3). The curve is generated by
forcing a constant input current into the gate of a common
source, current source loaded stage and then plotting the
gate voltage versus time.
+
–
VDS
VIN
38741 F03
VGS
MILLER EFFECT
QIN
a
b
CMILLER = (QB – QA)/VDS
VGS
V
+
–
Figure 3. Gate Charge Characteristic
The initial slope is the effect of the gate-to-source and
the gate-to-drain capacitance. The flat portion of the
curve is the result of the Miller multiplication effect of the
drain-to-gate capacitance as the drain drops the voltage
across the current source load. The upper sloping line is
due to the drain-to-gate accumulation capacitance and
the gate-to-source capacitance. The Miller charge (the
increase in coulombs on the horizontal axis from a to b
while the curve is flat) is specified for a given VDS drain
voltage, but can be adjusted for different VDS voltages by
multiplying the ratio of the application VDS to the curve
specified VDS values. A way to estimate the CMILLER term
is to take the change in gate charge from points a and b
on a manufacturer’s data sheet and divide by the stated
VDS voltage specified. CMILLER is the most important se-
lection criteria for determining the transition loss term in
the top MOSFET but is not directly specified on MOSFET
data sheets. CRSS and COS are specified sometimes but



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com