Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3883 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC3883
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 35Page - Linear Technology LTC3883 Datasheet HTML 36Page - Linear Technology LTC3883 Datasheet HTML 37Page - Linear Technology LTC3883 Datasheet HTML 38Page - Linear Technology LTC3883 Datasheet HTML 39Page - Linear Technology LTC3883 Datasheet HTML 40Page - Linear Technology LTC3883 Datasheet HTML 41Page - Linear Technology LTC3883 Datasheet HTML 42Page - Linear Technology LTC3883 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
LTC3882-1
39
Rev A
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
VOUT_UV_WARN_LIMIT
0x43 VOUT undervoltage warning limit.
R/W Word
Y
L16
V
l
0.925V
0x0ECD
81
VOUT_UV_FAULT_LIMIT
0x44 VOUT undervoltage fault limit.
R/W Word
Y
L16
V
l
0.9V
0x0E66
81
VOUT_UV_FAULT_RESPONSE
0x45 VOUT undervoltage fault response.
R/W Byte
Y
Reg
l
0xB8
95
IOUT_OC_FAULT_LIMIT
0x46 Output overcurrent fault limit.
R/W Word
Y
L11
A
l
29.75A
0xDBB8
82
IOUT_OC_FAULT_RESPONSE
0x47 Output overcurrent fault response.
R/W Byte
Y
Reg
l
0x00
96
IOUT_OC_WARN_LIMIT
0x4A Output overcurrent warning limit.
R/W Word
Y
L11
A
l
20.0A
0xDA80
82
OT_FAULT_LIMIT
0x4F External overtemperature fault limit.
R/W Word
Y
L11
°C
l
100.0°C
0xEB20
85
OT_FAULT_RESPONSE
0x50 External overtemperature fault response. R/W Byte
Y
Reg
l
0xB8
97
OT_WARN_LIMIT
0x51 External overtemperature warning limit.
R/W Word
Y
L11
°C
l
85.0°C
0xEAA8
85
UT_FAULT_LIMIT
0x53 External undertemperature fault limit.
R/W Word
Y
L11
°C
l
–40.0°C
0xE580
86
UT_FAULT_RESPONSE
0x54 External undertemperature fault
response.
R/W Byte
Y
Reg
l
0xB8
97
VIN_OV_FAULT_LIMIT
0x55 VIN overvoltage fault limit.
R/W Word
N
L11
V
l
15.5V
0xD3E0
78
VIN_OV_FAULT_RESPONSE
0x56 VIN overvoltage fault response.
R/W Byte
Y
Reg
l
0x80
94
VIN_UV_WARN_LIMIT
0x58 VIN undervoltage warning limit.
R/W Word
N
L11
V
l
6.3V
0xCB26
78
TON_DELAY
0x60 Delay from RUN pin or OPERATION ON
command to TON_RISE ramp start.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
83
TON_RISE
0x61 Time for VOUT to rise from 0.0V to
VOUT_COMMAND after TON_DELAY.
R/W Word
Y
L11
ms
l
8.0ms
0xD200
83
TON_MAX_FAULT_LIMIT
0x62 Maximum time for VOUT to rise above
VOUT_UV_FAULT_LIMIT after
TON_DELAY.
R/W Word
Y
L11
ms
l
10.0ms
0xD280
84
TON_MAX_FAULT_RESPONSE 0x63 Fault response when TON_MAX_FAULT_
LIMIT is exceeded.
R/W Byte
Y
Reg
l
0xB8
98
TOFF_DELAY
0x64 Delay from RUN pin or OPERATION OFF
command to TOFF_FALL ramp start.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
84
TOFF_FALL
0x65 Time for VOUT to fall to 0.0V from
VOUT_COMMAND after TOFF_DELAY.
R/W Word
Y
L11
ms
l
8.0ms
0xD200
84
TOFF_MAX_WARN_ LIMIT
0x66 Maximum time for VOUT to decay below
12.5% of VOUT_COMMAND after
TOFF_FALL completes.
R/W Word
Y
L11
ms
l
150ms
0xF258
84
STATUS_BYTE
0x78 One-byte channel status summary.
R/W Byte
Y
Reg
86
STATUS_WORD
0x79 Two-byte channel status summary.
R/W Word
Y
Reg
87
STATUS_VOUT
0x7A VOUT fault and warning status.
R/W Byte
Y
Reg
88
STATUS_IOUT
0x7B IOUT fault and warning status.
R/W Byte
Y
Reg
87
STATUS_INPUT
0x7C Input supply fault and warning status.
R/W Byte
N
Reg
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com