Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3859AL Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3859AL
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859AL Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3859AL Datasheet HTML 12Page - Linear Technology LTC3859AL Datasheet HTML 13Page - Linear Technology LTC3859AL Datasheet HTML 14Page - Linear Technology LTC3859AL Datasheet HTML 15Page - Linear Technology LTC3859AL Datasheet HTML 16Page - Linear Technology LTC3859AL Datasheet HTML 17Page - Linear Technology LTC3859AL Datasheet HTML 18Page - Linear Technology LTC3859AL Datasheet HTML 19Page - Linear Technology LTC3859AL Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3872-1
16
38721f
For more information www.linear.com/LTC3872-1
High Efficiency 3.3V Input, 12V Output Boost Converter
Typical applicaTions
ILOAD
1A/DIV
STEP FROM
500mA TO 1.5A
IL
5A/DIV
VOUT
12V
AC-COUPLED
100µs/DIV
38721 F10
ITH
IPRG
GND
VFB
VIN
SW
NGATE
LTC3872-1
M1
38721 F09
RUN/SS
23.2k
4.7M
11.8k
1%
107k
1%
COUT1: TAIYO YUDEN TMK325B7226MM
L1: COILTRONICS DR125-2R2
M1: VISHAY Si4114DY
0.1µF
CIN
10µF
COUT1
22µF
×2
2.2nF
100pF
COUT2
120µF
L1
2.2µH
VIN
3.3V
VOUT
12V
1.5A
+
PDS1040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com