Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2977 Datasheet(PDF) 97 Page - Linear Technology

Part # LTC2977
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2977 Datasheet(HTML) 97 Page - Linear Technology

Back Button LTC2977 Datasheet HTML 93Page - Linear Technology LTC2977 Datasheet HTML 94Page - Linear Technology LTC2977 Datasheet HTML 95Page - Linear Technology LTC2977 Datasheet HTML 96Page - Linear Technology LTC2977 Datasheet HTML 97Page - Linear Technology LTC2977 Datasheet HTML 98Page - Linear Technology LTC2977 Datasheet HTML 99Page - Linear Technology LTC2977 Datasheet HTML 100Page - Linear Technology LTC2977 Datasheet HTML 101Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
LTC3882-1
97
Rev A
For more information www.analog.com
OT_FAULT_RESPONSE
The OT_FAULT_RESPONSE command instructs the device on what action to take in response to an overtemperature
fault. The format for this command is given in Table 13. The device also:
• Sets the TEMPERATURE Bit in the STATUS_BYTE
• Sets the Overtemperature Fault Bit in the STATUS_TEMPERATURE Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
UT_FAULT_RESPONSE
The UT_FAULT_RESPONSE command instructs the device on what action to take in response to an undertemperature
fault. The format for this command is given in Table 13. The device also:
• Sets the TEMPERATURE Bit in the STATUS_BYTE
• Sets the Undertemperature Fault Bit in the STATUS_TEMPERATURE Command
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
MFR_OT_FAULT_RESPONSE
The MFR_OT_FAULT_RESPONSE command instructs the device on what action to take in response to an internal
overtemperature fault (150°C to 160°C). The device also:
• Sets the MFR Bit in the STATUS_WORD
• Sets the Overtemperature Fault Bit in the STATUS_MFR_SPECIFIC Command
• Notifies the Host by Asserting ALERT, Unless Masked
Supported Values:
VALUE
MEANING
0xC0
The LTC3882-1 continues to operate indefinitely with the normal hardware response described in the Operation section.
0x80
The LTC3882-1 shuts down immediately and does not attempt to restart. The output remains disabled until the fault is cleared and the unit
is commanded off and then on, or bias power (LTC3882-1 power supply input) is cycled.
Programming an unsupported MFR_OT_FAULT_RESPONSE value will generate a CML fault and the command will be
ignored.
This command has one data byte.
PMBus COMMAND DETAILS (Fault Response and Communication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com