Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15679 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15679
Description  ~25째 spot beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15679 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15679 Datasheet HTML 1Page - Ledil, Inc. FN15679 Datasheet HTML 2Page - Ledil, Inc. FN15679 Datasheet HTML 3Page - Ledil, Inc. FN15679 Datasheet HTML 4Page - Ledil, Inc. FN15679 Datasheet HTML 5Page - Ledil, Inc. FN15679 Datasheet HTML 6Page - Ledil, Inc. FN15679 Datasheet HTML 7Page - Ledil, Inc. FN15679 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
FN15679_RONDA-S
RONDA-S
~25° spot beam with holder A compatible with
3rd party connectors from TE, Bender Wirth and
IDEAL
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
14.6 mm
Fastening
screw
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-S
Lens
PMMA
clear
RONDA-HLD-A
Holder
PC
white
Last update: 11/05/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15679

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
FN1560G GWSEMI-FN1560G Datasheet
265Kb / 5P
N-Channel Enhancement MOSFET
logo
Ledil, Inc.
FN15622 LEDIL-FN15622 Datasheet
8Mb / 8P
~60째 60째 rectangular beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
More results

Similar Description - FN15679

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15381 LEDIL-FN15381 Datasheet
11Mb / 12P
~90째 very wide beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
FN15387 LEDIL-FN15387 Datasheet
14Mb / 13P
~60째 wide beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
FN15552 LEDIL-FN15552 Datasheet
9Mb / 9P
~45째 wide beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
FN15622 LEDIL-FN15622 Datasheet
8Mb / 8P
~60째 60째 rectangular beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
FN15734 LEDIL-FN15734_18 Datasheet
7Mb / 6P
~25째 spot beam with holder B compatible
FN15789 LEDIL-FN15789 Datasheet
8Mb / 8P
~80째 rectangular beam with holder B compatible with 3rd party connectors from BJB, IDEAL and Stucchi
FN15792 LEDIL-FN15792 Datasheet
7Mb / 5P
~80째 rectangular beam with holder B compatible with 3rd party connectors from BJB, IDEAL and Stucchi
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
C11506 LEDIL-C11506 Datasheet
1Mb / 4P
~25째 spot beam compatible with Molex connectors.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com