Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15734 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15734
Description  ~25째 spot beam with holder B compatible
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15734 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15734 Datasheet HTML 1Page - Ledil, Inc. FN15734 Datasheet HTML 2Page - Ledil, Inc. FN15734 Datasheet HTML 3Page - Ledil, Inc. FN15734 Datasheet HTML 4Page - Ledil, Inc. FN15734 Datasheet HTML 5Page - Ledil, Inc. FN15734 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
FN15734_RONDA-S-B
RONDA-S-B
~25° spot beam with holder B compatible with
3rd party connectors from BJB, IDEAL and
Stucchi
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
14.6 mm
Fastening
screw
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-S
Lens
PMMA
clear
RONDA-HLD-B
Holder
PC
white
Last update: 24/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15734

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN15734 CREE-FN15734 Datasheet
1Mb / 7P
Ronda series
More results

Similar Description - FN15734

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
C11506 LEDIL-C11506 Datasheet
1Mb / 4P
~25째 spot beam compatible with Molex connectors.
CP16633 LEDIL-CP16633 Datasheet
5Mb / 4P
~25째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
FCA15511 LEDIL-FCA15511_18 Datasheet
6Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
FCP15704 LEDIL-FCP15704 Datasheet
12Mb / 8P
~25째 spot beam . Compatible with ultra high power LEDs.
FCP15708 LEDIL-FCP15708 Datasheet
5Mb / 4P
~25째 spot beam. Compatible with ultra high power LEDs.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
C16263 LEDIL-C16263 Datasheet
2Mb / 5P
~25째 spot beam compatible
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
C13557 LEDIL-C13557 Datasheet
3Mb / 8P
~25째 spot beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com