Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15735 Datasheet(PDF) 6 Page - Ledil, Inc.

Part # FN15735
Description  ~45째 wide beam with holder B compatible
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15735 Datasheet(HTML) 6 Page - Ledil, Inc.

  FN15735 Datasheet HTML 1Page - Ledil, Inc. FN15735 Datasheet HTML 2Page - Ledil, Inc. FN15735 Datasheet HTML 3Page - Ledil, Inc. FN15735 Datasheet HTML 4Page - Ledil, Inc. FN15735 Datasheet HTML 5Page - Ledil, Inc. FN15735 Datasheet HTML 6Page - Ledil, Inc. FN15735 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT
DATASHEET
FN15735_RONDA-W-B
PHOTOMETRIC DATA (SIMULATED):
LED
CXA/B 1816 & CXA/B 1820 & CXA 1850
FWHM
48.0°
Efficiency
89 %
Peak intensity
cd/lm
Required components:
IDEAL: 50-3001CR
LED
CXA/B 1816 & CXA/B 1820 & CXA 1850
FWHM
48.0°
Efficiency
88 %
Peak intensity
cd/lm
Required components:
BJB: 47.319.2131
LED
Mini Zenigata (GW6BM)
FWHM
40.0°
Efficiency
89 %
Peak intensity
cd/lm
Required components:
IDEAL: 50-2000P
LED
SLE G6 LES15 H D50
FWHM
52.0°
Efficiency
88 %
Peak intensity
0.910 cd/lm
Required components:
Last update: 11/05/2018
Subject to change without prior notice
6/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com