Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15736 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15736
Description  ~60째 wide beam with holder B compatible
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15736 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15736 Datasheet HTML 1Page - Ledil, Inc. FN15736 Datasheet HTML 2Page - Ledil, Inc. FN15736 Datasheet HTML 3Page - Ledil, Inc. FN15736 Datasheet HTML 4Page - Ledil, Inc. FN15736 Datasheet HTML 5Page - Ledil, Inc. FN15736 Datasheet HTML 6Page - Ledil, Inc. FN15736 Datasheet HTML 7Page - Ledil, Inc. FN15736 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
FN15736_RONDA-WW-B
RONDA-WW-B
~60° wide beam with holder B compatible with
3rd party connectors from BJB, IDEAL and
Stucchi
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
14.6 mm
Fastening
screw
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-WW
Lens
PMMA
clear
RONDA-HLD-B
Holder
PC
white
Last update: 24/05/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15736

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN15736 CREE-FN15736 Datasheet
1Mb / 9P
Ronda series
More results

Similar Description - FN15736

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11027 LEDIL-FA11027 Datasheet
1Mb / 5P
~60째 wide beam. Assembly with holder and installation tape.
FN15735 LEDIL-FN15735_18 Datasheet
7Mb / 7P
~45째 wide beam with holder B compatible
FN15737 LEDIL-FN15737_18 Datasheet
8Mb / 7P
~90째 very wide beam with holder B compatible
FN15738 LEDIL-FN15738_18 Datasheet
7Mb / 5P
~60째 60째 rectangular beam with holder B compatible
FN15968 LEDIL-FN15968_18 Datasheet
6Mb / 10P
~60째 wide beam with holder C compatible with LEDiL HEKLA
F14618 LEDIL-F14618 Datasheet
5Mb / 8P
~60째 wide beam compatible with BJB connectors
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
C16265 LEDIL-C16265 Datasheet
2Mb / 5P
~60째 wide beam compatible
F16366 LEDIL-F16366 Datasheet
5Mb / 5P
~60째 wide beam compatible with LEDiL HEKLA
CN13146 LEDIL-CN13146 Datasheet
2Mb / 5P
~60째 wide beam with holder optimized for CREE CXA1507
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com