Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15738 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15738
Description  ~60째 60째 rectangular beam with holder B compatible
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15738 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15738 Datasheet HTML 1Page - Ledil, Inc. FN15738 Datasheet HTML 2Page - Ledil, Inc. FN15738 Datasheet HTML 3Page - Ledil, Inc. FN15738 Datasheet HTML 4Page - Ledil, Inc. FN15738 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FN15738_RONDA-REC-60-B
RONDA-REC-60-B
~60°
60° rectangular beam with holder B
compatible with 3rd party connectors from BJB,
IDEAL and Stucchi
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
14.6 mm
Fastening
screw
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-REC-60
Lens
PMMA
clear
RONDA-HLD-B
Holder
PC
white
Last update: 24/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15738

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN15738 CREE-FN15738 Datasheet
1Mb / 7P
Ronda series
More results

Similar Description - FN15738

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16369 LEDIL-C16369 Datasheet
1Mb / 4P
~60째 beam
FN15622 LEDIL-FN15622 Datasheet
8Mb / 8P
~60째 60째 rectangular beam with holder A compatible with 3rd party connectors from TE, Bender Wirth and IDEAL
FN15736 LEDIL-FN15736_18 Datasheet
8Mb / 8P
~60째 wide beam with holder B compatible
FN15968 LEDIL-FN15968_18 Datasheet
6Mb / 10P
~60째 wide beam with holder C compatible with LEDiL HEKLA
F14618 LEDIL-F14618 Datasheet
5Mb / 8P
~60째 wide beam compatible with BJB connectors
FA15233 LEDIL-FA15233 Datasheet
5Mb / 5P
~60째 wide beam. Assembly with white holder.
C16265 LEDIL-C16265 Datasheet
2Mb / 5P
~60째 wide beam compatible
F16366 LEDIL-F16366 Datasheet
5Mb / 5P
~60째 wide beam compatible with LEDiL HEKLA
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
F15541 LEDIL-F15541 Datasheet
2Mb / 6P
~60째 beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com