Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSY13 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # KSY13
Description  Hall Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KSY13 Datasheet(HTML) 2 Page - Infineon Technologies AG

  KSY13 Datasheet HTML 1Page - Infineon Technologies AG KSY13 Datasheet HTML 2Page - Infineon Technologies AG KSY13 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
2
1999-04-01
KSY 13
Absolute Maximum Ratings
Electrical Characteristics (
T
A = 25 °C)
Parameter
Symbol
Limit Values
Unit
Operating temperature range
T
A
– 40 / + 150
°C
Storage temperature range
T
stg
– 50 / + 160
°C
Supply current
I
1
7mA
Thermal conductivity1)
G
th A
≥ 2.7
mW/K
Nominal supply current
I
1N
5mA
Open-circuit Hall voltage
I
1 = I1N, B = 0.1 T
V
20
95
…145
mV
Ohmic offset voltage
I
1 = I1N, B = 0 T
V
R0
≤ ± 20
mV
Supply and Hall side internal resistance
B = 0 T
R
10, 20
900
…1200
Ω
Temperature coefficient of the
open-circuit Hall voltage
I
1 = I1N, B = 0.2 T
TC
V20
approx. –0.05
%/K
Temperature coefficient of the internal
resistance
B = 0.2 T
TC
R10, R20
approx.
+ 0.1
…0.18
%/K
1) Thermal conductivity chip-ambient when mounted on alumina ceramic 15 mm
× 16.7 mm × 0.7 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com