Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15968 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15968
Description  ~60째 wide beam with holder C compatible with LEDiL HEKLA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15968 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15968 Datasheet HTML 1Page - Ledil, Inc. FN15968 Datasheet HTML 2Page - Ledil, Inc. FN15968 Datasheet HTML 3Page - Ledil, Inc. FN15968 Datasheet HTML 4Page - Ledil, Inc. FN15968 Datasheet HTML 5Page - Ledil, Inc. FN15968 Datasheet HTML 6Page - Ledil, Inc. FN15968 Datasheet HTML 7Page - Ledil, Inc. FN15968 Datasheet HTML 8Page - Ledil, Inc. FN15968 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT
DATASHEET
FN15968_RONDA-WW-C
RONDA-WW-C
~60° wide beam with holder C compatible with
LEDiL HEKLA
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 53.9 mm
Height
16.9 mm
Fastening
socket
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-WW
Lens
PMMA
clear
RONDA-HLD-C
Holder
PC
clear
Last update: 11/05/2018
Subject to change without prior notice
1/10
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15968

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15968 LEDIL-FN15968 Datasheet
2Mb / 37P
Ronda Assembly
More results

Similar Description - FN15968

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN16191 LEDIL-CN16191 Datasheet
4Mb / 7P
~65째 wide beam with holder C compatible with LEDiL HEKLA
FN15966 LEDIL-FN15966_18 Datasheet
7Mb / 10P
~90째 wide beam with holder C compatible with LEDiL HEKLA
FN15969 LEDIL-FN15969 Datasheet
11Mb / 9P
~45째 wide beam with holder C compatible with LEDiL HEKLA
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
CP16108 LEDIL-CP16108 Datasheet
6Mb / 8P
~35째 medium beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16109 LEDIL-CP16109 Datasheet
8Mb / 8P
~55째 wide beam. Assembly with holder C compatible with LEDiL HEKLA.
F15559 LEDIL-F15559_18 Datasheet
8Mb / 9P
~25째 wide beam. Compatible with LEDiL HEKLA.
F16002 LEDIL-F16002_18 Datasheet
5Mb / 7P
~50째 wide beam compatible with LEDiL HEKLA
F16365 LEDIL-F16365 Datasheet
5Mb / 4P
~40째 wide beam compatible with LEDiL HEKLA
F16366 LEDIL-F16366 Datasheet
5Mb / 5P
~60째 wide beam compatible with LEDiL HEKLA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com