Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN15972 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15972
Description  Double asymmetric beam for wall washing and supermarket applications with holder C compatible with LEDiL HEKLA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15972 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15972 Datasheet HTML 1Page - Ledil, Inc. FN15972 Datasheet HTML 2Page - Ledil, Inc. FN15972 Datasheet HTML 3Page - Ledil, Inc. FN15972 Datasheet HTML 4Page - Ledil, Inc. FN15972 Datasheet HTML 5Page - Ledil, Inc. FN15972 Datasheet HTML 6Page - Ledil, Inc. FN15972 Datasheet HTML 7Page - Ledil, Inc. FN15972 Datasheet HTML 8Page - Ledil, Inc. FN15972 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT
DATASHEET
FN15972_RONDA-ZT45-C
RONDA-ZT45-C
Double asymmetric beam for wall washing and
supermarket
applications
with
holder
C
compatible with LEDiL HEKLA
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
16.6 mm
Fastening
socket
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-ZT45
Lens
PMMA
clear
RONDA-HLD-C
Holder
PC
clear
Last update: 11/05/2018
Subject to change without prior notice
1/10
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15972

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15972 LEDIL-FN15972 Datasheet
2Mb / 39P
Ronda Assembly
More results

Similar Description - FN15972

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN16191 LEDIL-CN16191 Datasheet
4Mb / 7P
~65째 wide beam with holder C compatible with LEDiL HEKLA
FN15380 LEDIL-FN15380 Datasheet
10Mb / 13P
Asymmetric beam for wall washing with holder A compatible
FN15388 LEDIL-FN15388 Datasheet
12Mb / 14P
Double asymmetric beam for wall washing and supermarket applications with holder
FN15731 LEDIL-FN15731_18 Datasheet
9Mb / 9P
Asymmetric beam for wall washing with holder B compatible
FN15733 LEDIL-FN15733_18 Datasheet
8Mb / 7P
Double asymmetric beam for wall washing and supermarket applications with holder B compatible
FN15969 LEDIL-FN15969 Datasheet
11Mb / 9P
~45째 wide beam with holder C compatible with LEDiL HEKLA
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
FN15971 LEDIL-FN15971_18 Datasheet
5Mb / 10P
Asymmetric beam for wall washing with holder C compatible with LEDiL HEKLA
FN15977 LEDIL-FN15977 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder A compatible
FN15978 LEDIL-FN15978 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder B compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com