Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4676A Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4676A
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A Datasheet(HTML) 4 Page - Linear Technology

  LTM4676A Datasheet HTML 1Page - Linear Technology LTM4676A Datasheet HTML 2Page - Linear Technology LTM4676A Datasheet HTML 3Page - Linear Technology LTM4676A Datasheet HTML 4Page - Linear Technology LTM4676A Datasheet HTML 5Page - Linear Technology LTM4676A Datasheet HTML 6Page - Linear Technology LTM4676A Datasheet HTML 7Page - Linear Technology LTM4676A Datasheet HTML 8Page - Linear Technology LTM4676A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
LTC3884/LTC3884-1
4
3884fe
For more information www.linear.com/LTC3884
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, IIN+, IIN– .............................................. –0.3V to 40V
(VIN – IIN+), (IIN+ – IIN–) ............................. –0.3V to 0.3V
BOOST0, BOOST1 (LTC3884) .................... –0.3V to 46V
Switch Transient Voltage (SW0, SW1)
(LTC3884)................................................. –5V to 40V
(BOOST0-SW0), (BOOST1-SW1)
(LTC3884)................................................ –0.3V to 6V
Top Gate Transient Voltage TG0, TG1
(LTC3884)................................................–5V TO 46V
VCC0, VCC1 (LTC3884-1)............................... –0.3V to 6V
Top Gate Transient Voltage PWM0, PWM1
(LTC3884-1)............................................. –0.3V to 6V
ISENSE0+, ISENSE0–, ISENSE1+, ISENSE1–,
VSENSE0+, VSENSE1+ ...................................... –0.3V to 6V
(Note 1)
LTC3884
LTC3884
TOP VIEW
49
SGND
UK PACKAGE
48-LEAD (7mm × 7mm) PLASTIC QFN
VSENSE0+ 1
VSENSE0– 2
ISENSE1+ 3
ISENSE1– 4
ITHR0 5
ITH0 6
ISENSE0+ 7
ISENSE0– 8
TSNS1 9
TSNS0 10
SYNC 11
SCL 12
36 BOOST1
35 TG1
34 SW1
33 PGOOD1
32 VSENSE1+
31 VSENSE1–
30 ITHR1
29 ITH1
28 VDD33
27 SHARE_CLK
26 WP
25 VDD25
TJMAX = 125°C, θJA = 31°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 49) IS SGND, MUST BE SOLDERED TO PCB
TOP VIEW
49
SGND
RHE PACKAGE
48-LEAD (5mm × 6mm) PLASTIC GQFN
PGOOD0 1
VSENSE0+ 2
VSENSE0– 3
ISENSE1+ 4
ISENSE1– 5
ITHR0 6
ITH0 7
ISENSE0+ 8
ISENSE0– 9
TSNS1 10
TSNS0 11
SYNC 12
SCL 13
SDA 14
38 BG1
37 BOOST1
36 TG1
35 SW1
34 PGOOD1
33 VSENSE1+
32 VSENSE1–
31 ITHR1
30 ITH1
29 VDD33
28 SHARE_CLK
27 WP
26 VDD25
25 PHASE_CFG
49
49
49
49
TJMAX = 125°C, θJA = 31°C/W, θJC = 3.7°C/W
EXPOSED PADS (PIN 49) ARE SGND, MUST BE SOLDERED TO PCB
VSENSE0–, VSENSE1–................................... –0.3V to 0.3V
EXTVCC, INTVCC........................................... –0.3V to 6V
(EXTVCC – VIN) ........................................................5.5V
PGOOD0, PGOOD1.................................... –0.3V to 3.6V
RUN0, RUN1, SDA, SCL, ALERT................ –0.3V to 5.5V
ASEL0, ASEL1, VOUT0_CFG0, VOUT1_CFG,
FREQ_CFG, PHASE_CFG .................... –0.3V to 2.75V
FAULT0, FAULT1, SHARE_CLK, WP, SYNC –0.3V to 3.6V
TSNS0, TSNS1.......................................... –0.3V to 3.6V
ITH0, ITH1, ITHR0, ITHR1 .............................. –0.3V to 3.6V
Operating Junction Temperature Range
(Notes 2, 17, 18).......................................–40°C to 125°C
Storage Temperature Range ................ –65°C to 150°C*
*See Derating EEPROM Retention at Temperature in Applications Informa-
tion section for junction temperatures in excess of 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com