Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4675 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology LTM4675 Datasheet HTML 11Page - Linear Technology LTM4675 Datasheet HTML 12Page - Linear Technology LTM4675 Datasheet HTML 13Page - Linear Technology LTM4675 Datasheet HTML 14Page - Linear Technology LTM4675 Datasheet HTML 15Page - Linear Technology LTM4675 Datasheet HTML 16Page - Linear Technology LTM4675 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
LTC3884/LTC3884-1
13
3884fe
For more information www.linear.com/LTC3884
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VIN = 12V, L = 0.33µH, DCR = 0.32mΩ, EXTVCC = 0V unless otherwise noted.
Inductor Current at Light Load
Soft-Start Ramp
Start-Up Into a Prebiased Output
FORCED
CONTINUOUS
MODE
5A/DIV
DISCONTINUOUS
MODE
5A/DIV
1µs/DIV
VOUT = 1.8V
ILOAD = 1A
3884 G07
RUN
2V/DIV
0V
VOUT
1V/DIV
0V
5ms/DIV
tRISE = 10ms
tDELAY = 5ms
VOUT = 1.8V
3884 G08
RUN
2V/DIV
0V
VOUT
1V/DIV
0V
5ms/DIV
tRISE = 10ms
VOUT = 1.8V
3884 G09
Soft-Off Ramp
Dynamic Current Sharing During
a Load Transient in a 2-Phase
System
Dynamic Current Sharing During
a Load Transient in a 2-Phase
System
RUN
2V/DIV
0V
VOUT
1V/DIV
0V
5ms/DIV
tFALL = 5ms
tDELAY = 10ms
3884 G10
10A/DIV
IL
0A
5µs/DIV
3884 G11
10A/DIV
5µs/DIV
3884 G12
IL
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com