Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 97 Page - Linear Technology

Part # LTM4677
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 97 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 93Page - Linear Technology LTM4677 Datasheet HTML 94Page - Linear Technology LTM4677 Datasheet HTML 95Page - Linear Technology LTM4677 Datasheet HTML 96Page - Linear Technology LTM4677 Datasheet HTML 97Page - Linear Technology LTM4677 Datasheet HTML 98Page - Linear Technology LTM4677 Datasheet HTML 99Page - Linear Technology LTM4677 Datasheet HTML 100Page - Linear Technology LTM4677 Datasheet HTML 101Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
LTC3884/LTC3884-1
97
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND DETAILS
Table 10. Data Byte Contents MFR_OT_FAULT_RESPONSE
BITS
DESCRIPTION
VALUE MEANING
7:6
Response
For all values of bits [7:6], the LTC3884:
• Sets the corresponding fault bit in the status commands and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The output is commanded through the RUN pin, the OPERATION
command, or the combined action of the RUN pin and
OPERATION command, to turn off and then to turn back on, or
• Bias power is removed and reapplied to the LTC3884.
00
Not supported. Writing this value will generate a CML fault.
01
Not supported. Writing this value will generate a CML fault
10
The device shuts down immediately (disables the output) and
responds according to the retry setting in bits [5:3].
11
The device’s output is disabled while the fault is present.
Operation resumes and the output is enabled when the fault
condition no longer exists.
5:3
Retry Setting
000
The unit does not attempt to restart. The output remains
disabled until the fault is cleared.
001-111 Not supported. Writing this value will generate CML fault.
2:0
Delay Time
XXX
Not supported. Value ignored
Fault Responses External Temperature
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
OT_FAULT_ RESPONSE
0x50
Action to be taken by the device when an
external overtemperature fault is detected,
R/W Byte
Y
Reg
Y
0xB8
UT_FAULT_ RESPONSE
0x54
Action to be taken by the device when an
external undertemperature fault is detected.
R/W Byte
Y
Reg
Y
0xB8
OT_FAULT_RESPONSE
The OT_FAULT_RESPONSE command instructs the device on what action to take in response to an external overtem-
perature fault on the external temp sensors. The data byte is in the format given in Table 11.
The device also:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Overtemperature Fault bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked
This command has one data byte.
UT_FAULT_RESPONSE
The UT_FAULT_RESPONSE command instructs the device on what action to take in response to an external under-
temperature fault on the external temp sensors. The data byte is in the format given in Table 11.
The device also:
• Sets the TEMPERATURE bit in the STATUS_BYTE
• Sets the Undertemperature Fault bit in the STATUS_TEMPERATURE command, and
• Notifies the host by asserting ALERT pin, unless masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com