Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3891 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
13
38921fc
For more information www.linear.com/LTC3892
FUNCTIONAL DIAGRAMS
BOOST1,2
DRVCC
TG1,2
TOP
BOT
CHANNELS 1 AND 2
S
CLK1
CLK2
PFD
SYNC
DET
VCO
Q
R
Q
BOT
SHDN
SLEEP
0.425V
TOP ON
SW1,2
BG1,2
DRVCC
GND
SENSE1,2+
SENSE1,2–
ITH1,2
TRACK/SS1,2
SHDN
RUN1,2
SHDN
RST
2(VFB)
FOLDBACK
10µA
VFB1,2
RA
RC
RB
CC
0.80V
TRACK/SS
0.88V
OV
CB
COUT
VIN1,2
VOUT1,2
RSENSE
L
SWITCHING
LOGIC
DROPOUT
DET
+
–
+
–
–
+
+
IR
3mV
ICMP
2.8V
0.65V
SLOPE COMP
+–
+–
CIN
+
–
R2
R1
CC2
CSS
38921 FD
150nA
3.5V
20µA
FREQ
PLLIN/MODE
100k
INTVCC
LDO
DRVCC LDO/UVLO
CONTROL
4.7V/
7.7V
EN
EN
2.00V
1.20V
DRVSET
EXTVCC
DRVUV
VIN
DRVCC
20µA
4R
R
INTVCC
EA–
PGOOD1
EA1–
0.88V
0.72V
PGOOD2
EA2–
0.88V
0.72V
CURRENT
LIMIT
ILIM
VPRG1
LTC3892 AND LTC3892-2
NOT ON LTC3892-1
VPRG1 AFFECTS CHANNEL 1 ONLY,
VOUT2 IS ALWAYS ADJUSTABLE (R1 = 0, R2 = ∞)
LTC3892-1 (R1 = 0, R2 = ∞)
VPRG1
FLOAT
GND
INTVCC
R1
0
625k
1.05M
R2
∞
200k
200k
VOUT1
ADJUSTABLE
3.3V FIXED
5V FIXED
LTC3892 AND LTC3892-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com