Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3899 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3899
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3899 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3899 Datasheet HTML 17Page - Linear Technology LTC3899 Datasheet HTML 18Page - Linear Technology LTC3899 Datasheet HTML 19Page - Linear Technology LTC3899 Datasheet HTML 20Page - Linear Technology LTC3899 Datasheet HTML 21Page - Linear Technology LTC3899 Datasheet HTML 22Page - Linear Technology LTC3899 Datasheet HTML 23Page - Linear Technology LTC3899 Datasheet HTML 24Page - Linear Technology LTC3899 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3892/
LTC3892-1/LTC3892-2
21
38921fc
For more information www.linear.com/LTC3892
APPLICATIONS INFORMATION
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offermuchrelief.Notethatcapacitormanufacturers’ripple
current ratings are often based on only 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet
size or height requirements in the design. Due to the
high operating frequency of the LTC3892/LTC3892-1/
LTC3892-2, ceramic capacitors can also be used for CIN.
Always consult the manufacturer if there is any question.
The benefit of the LTC3892/LTC3892-1/LTC3892-2
2-phase operation can be calculated by using Equation 1
for the higher power controller and then calculating the
loss that would have resulted if both controller channels
switched on at the same time. The total RMS power lost
is lower when both controllers are operating due to the
reduced overlap of current pulses required through the
input capacitor’s ESR. This is why the input capacitor’s
requirementcalculatedabovefortheworst-casecontroller
is adequate for the dual controller design. Also, the input
protection fuse resistance, battery resistance, and PC
board trace resistance losses are also reduced due to the
reduced peak currents in a 2-phase system. The overall
benefit of a multiphase design will only be fully realized
when the source impedance of the power supply/battery
is included in the efficiency testing. The drains of the top
MOSFETs should be placed within 1cm of each other and
shareacommonCIN(s).SeparatingthedrainsandCINmay
produceundesirablevoltageandcurrentresonancesatVIN.
A small (0.1μF to 1μF) bypass capacitor between the chip
VINpinandground,placedclosetotheLTC3892/LTC3892-
1/LTC3892-2, is also suggested. A 2.2Ω to 10Ω resistor
placed between CIN (C1) and the VIN pin provides further
isolation, but is not required.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (∆VOUT) is approximated by:
∆VOUT ≈ ∆IL ESR+
1
8 • f •COUT


where f is the operating frequency, COUT is the output
capacitance and ∆IL is the ripple current in the inductor.
The output ripple is highest at maximum input voltage
since ∆IL increases with input voltage.
Setting Output Voltage
The LTC3892/LTC3892-1/LTC3892-2 output voltages are
setbyanexternalfeedbackresistordividercarefullyplaced
across the output, as shown in Figure 3a. The regulated
output voltage is determined by:
VOUT =0.8V 1+
RB
RA


To improve the frequency response, a feedforward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
For the LTC3892 and LTC3892-2, channel 1 has the
option to be programmed to a fixed 5V or 3.3V output
through control of the VPRG1 pin (not available on the
LTC3892-1). Figure 3b shows how the VFB1 pin is used
to sense the output voltage in fixed output mode. Tying
VPRG1 to INTVCC or GND programs VOUT1 to 5V or 3.3V,
respectively. Floating VPRG1 sets VOUT1 to adjustable
output mode using external resistors.
38921 F05a
1/2 LTC3892/
LTC3892-1/
LTC3892-2
VFB
RB
CFF
RA
VOUT
38921 F05b
LTC3892/
LTC3892-2
VFB1
VPRG1
INTVCC/GND
COUT
VOUT1
5V/3.3V
Figure 3. Setting Buck Output Voltage
(3a) Setting Adjustable Output Voltage
(3b) Setting CH1 (LTC3892) to Fixed 5V/3.3V Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com