Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3886 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3886
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3886 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3886 Datasheet HTML 17Page - Linear Technology LTC3886 Datasheet HTML 18Page - Linear Technology LTC3886 Datasheet HTML 19Page - Linear Technology LTC3886 Datasheet HTML 20Page - Linear Technology LTC3886 Datasheet HTML 21Page - Linear Technology LTC3886 Datasheet HTML 22Page - Linear Technology LTC3886 Datasheet HTML 23Page - Linear Technology LTC3886 Datasheet HTML 24Page - Linear Technology LTC3886 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
LTC3884/LTC3884-1
21
3884fe
For more information www.linear.com/LTC3884
OPERATION
Fault reporting and shutdown behavior are fully con-
figurable. Two individual FAULT0, FAULT1 outputs are
provided, both of which can be masked independently.
Three dedicated pins for ALERT, PGOOD0/1 functions are
provided. The shutdown operation also allows all faults
to be individually masked and can be operated in either
unlatched (hiccup) or latched modes.
Individual status commands enable fault reporting over
the serial bus to identify the specific fault event. Fault or
warning detection includes the following:
n
Output Undervoltage/Overvoltage
n
Input Undervoltage/Overvoltage
n
Input and Output Overcurrent
n
Internal Overtemperature
n
External Overtemperature
n
Communication, Memory or Logic (CML) Fault
MAIN CONTROL LOOP
The LTC3884 is a constant-frequency, current mode step-
down controller containing two channels operating with
user-defined relative phasing. During normal operation the
top MOSFET is turned on when the clock for that channel
sets the RS latch, and turned off when the main current
comparator, ICMP, resets the RS latch. The peak inductor
current at which ICMP resets the RS latch is controlled by
the voltage on the ITH pin which is the output of each er-
ror amplifier, EA. The EA negative terminal is equal to the
differential voltage between VSENSE+ and VSENSE– divided
by 5.5 (or 2.75 if MFR_PWM_MODE[1] = 1). The positive
terminal of the EA is connected to the output of a 12-bit
DAC with values ranging from 0V to 1.024V. The output
voltage, through feedback of the EA, will be regulated to
5.5 times the DAC output (or 2.75 times). The DAC value
is calculated by the part to synthesize the user's desired
output voltage. The output voltage is programmed by the
user either with the resistor configuration pins detailed
in Table 3 or by the PMBus VOUT command (either from
EEPROM or by PMBus command). Refer to the PMBus
commandsectionofthedatasheetorthePMBusspecifica-
tion for more details. The PMBus VOUT_COMMAND can
be executed at any time while the device is running. This
command will typically have a latency less than 10ms. The
user is encouraged to refer to the PMBus Power System
Management Protocol Specification to understand how to
program the LTC3884.
http://www.pmbus.org/specs.html
Continuing the basic operation description, the current-
mode controller will turn off the top gate when the peak
current is reached. If the load current increases, sense
voltagewillslightlydroopwithrespecttotheDACreference.
This causes the ITH voltage to increase until the average
inductor current matches the new load current. After the
top MOSFET has turned off, the bottom MOSFET is turned
on. In continuous conduction mode, the bottom MOSFET
stays on until the end of the switching cycle.
EEPROM
The LTC3884 contains internal EEPROM (nonvolatile
memory) with Error Correction Coding (ECC) to store user
configuration settings and fault log information. EEPROM
endurance retention and mass write operation time are
specified in the Electrical Characteristics and Absolute
Maximum Ratings sections. Write operations above TJ =
85°C are possible although the Electrical Characteristics
are not guaranteed and the EEPROM will be degraded.
Read operations performed at temperatures between
–40°C and 125°C will not degrade the EEPROM. Writing
to the EEPROM above 85°C will result in a degradation of
retentioncharacteristics.Thefaultloggingfunction,which
is useful in debugging system problems that may occur
at high temperatures, only writes to fault log EEPROM
locations. If occasional writes to these registers occur
above 85°C, the slight degradation in the data retention
characteristics of the fault log will not take away from the
usefulness of the function.
It is recommended that the EEPROM not be written
when the die temperature is greater than 85°C. If the die
temperature exceeds 130°C, the LTC3884 will disable all
EEPROM write operations. All EEPROM write operations
will be re-enabled when the die temperature drops below
125°C. (The controller will also disable all the switching
when the die temperature exceeds the internal overtem-
perature fault limit 160°C with a 10°C hysteresis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com