Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7801 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC7801
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7801 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC7801 Datasheet HTML 17Page - Linear Technology LTC7801 Datasheet HTML 18Page - Linear Technology LTC7801 Datasheet HTML 19Page - Linear Technology LTC7801 Datasheet HTML 20Page - Linear Technology LTC7801 Datasheet HTML 21Page - Linear Technology LTC7801 Datasheet HTML 22Page - Linear Technology LTC7801 Datasheet HTML 23Page - Linear Technology LTC7801 Datasheet HTML 24Page - Linear Technology LTC7801 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC7801
21
7801f
For more information www.linear.com/LTC7801
applicaTions inForMaTion
Figure 5. Adjustable UV and OV Lockout
The RUN and OVLO pins can alternatively be configured as
undervoltage(UVLO)andovervoltage(OVLO)lockoutson
the VIN supply with a resistor divider from VIN to ground.
A simple resistor divider can be used as shown in Figure
5 to meet specific VIN voltage requirements.
RUN
7801 F05
R3
VIN
LTC7801
R4
R5
OVLO
For applications that do not require a precise OVLO, the
OVLO pin can be tied directly to ground. The RUN pin in
this type of application can be used as an external UVLO
using the previous equations with R5 = 0Ω.
Similarly, for applications that do not require a precise
UVLO, the RUN pin can be tied to VIN. In this configura-
tion, the UVLO threshold is limited to the internal DRVCC
UVLOthresholdsasshownintheElectricalCharacteristics
table. The resistor values for the OVLO can be computed
using the previous equations with R3 = 0Ω.
Soft-Start (SS) Pin
The start-up of VOUT is controlled by the voltage on the
SS pin. When the voltage on the SS pin is less than the
internal 0.8V reference, the LTC7801 regulates the VFB pin
voltage to the voltage on the SS pin instead of the internal
reference. The SS pin can be used to program an external
soft-start function.
Soft-startisenabledbysimplyconnectingacapacitorfrom
the SS pin to ground, as shown in Figure 6. An internal
10μA current source charges the capacitor, providing a
linear ramping voltage at the SS pin. The LTC7801 will
regulate its feedback voltage (and hence VOUT) according
tothevoltageontheSSpin,allowingVOUTtorisesmoothly
from 0V to its final regulated value. The total soft-start
time will be approximately:
tSS = CSS •
0.8V
10µA
The current that flows through the R3-R4-R5 divider will
directly add to the shutdown, sleep, and active current of
the LTC7801, and care should be taken to minimize the
impact of this current on the overall efficiency of the ap-
plication circuit. Resistor values in the megaohm range
mayberequiredtokeeptheimpactonquiescentshutdown
and sleep currents low. To pick resistor values, the sum
total of R3 + R3+ R5 (RTOTAL)shouldbechosenfirstbased
on the allowable DC current that can be drawn from VIN.
The individual values of R3, R4 and R5 can be calculated
from the following equations:
R5
= RTOTAL •
1.20V
RISING VIN OVLO THRESHOLD
R4
= RTOTAL •
1.20V
RISING VIN OVLO THRESHOLD
−R5
R3
= RTOTAL −R5−R4
Figure 6. Using the SS Pin to Program Soft-Start
7801 F06
LTC7801
SS
GND
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com