Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6225 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6225
Description  DUAL DMOS FULL BRIDGE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225 Datasheet(HTML) 2 Page - STMicroelectronics

  L6225 Datasheet HTML 1Page - STMicroelectronics L6225 Datasheet HTML 2Page - STMicroelectronics L6225 Datasheet HTML 3Page - STMicroelectronics L6225 Datasheet HTML 4Page - STMicroelectronics L6225 Datasheet HTML 5Page - STMicroelectronics L6225 Datasheet HTML 6Page - STMicroelectronics L6225 Datasheet HTML 7Page - STMicroelectronics L6225 Datasheet HTML 8Page - STMicroelectronics L6225 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
L6225
2/10
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Test conditio ns
Value
Unit
VS
Supply Voltage
60
V
VIN,VEN
Input and Enable Voltage Range
-0.3 to +7
V
VSENSE
DC Sensing Voltage Range
-1 to +4
V
VBOOT
Bootstrap Peak Voltage
VS +10
V
IS(peak)
Pulsed Supply Current (for each
VS pin), internally limited by the
overcurrent protection
tPULSE < 1ms
3.55
A
IS
DC Supply Current (for each VS
pin)
1.4
A
VOD
Differential Voltage Between
VSA,OUT1A, OUT2A,SENSEA and
VSB, OUT1B, OUT2B, SENSEB
60
V
Tstg,TOP
Storage and Operating
Temperature Range
-40 to 150
°C
IN2A
Vboot
10V
Vboot
10V
Voltage
Regulator
10V
5V
Thermal
Protection
BRIDGE A
ENA
IN1A
SENSE
V
OUT1
OUT2
SENSE
V
OUT1
OUT2
Charge
Pump
Vboot
ENB
IN1B
IN2B
Logic
Vboot
VCP
BRIDGE B
Over
Current
Detection
BIPOLAR
STEPPER
MOTOR
SA
A
A
A
SB
B
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com