Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3871 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 2 Page - Linear Technology

  LTC3871 Datasheet HTML 1Page - Linear Technology LTC3871 Datasheet HTML 2Page - Linear Technology LTC3871 Datasheet HTML 3Page - Linear Technology LTC3871 Datasheet HTML 4Page - Linear Technology LTC3871 Datasheet HTML 5Page - Linear Technology LTC3871 Datasheet HTML 6Page - Linear Technology LTC3871 Datasheet HTML 7Page - Linear Technology LTC3871 Datasheet HTML 8Page - Linear Technology LTC3871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC7801
2
7801f
For more information www.linear.com/LTC7801
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Supply Voltage (VIN)....................... –0.3V to 150V
Top Side Driver Voltage BOOST ............... –0.3V to 150V
Switch Voltage (SW)................................... –5V to 150V
DRVCC, (BOOST-SW) Voltages....................–0.3V to 11V
BG, TG ............................................................... (Note 8)
RUN Voltage............................................. –0.3V to 150V
SENSE+, SENSE– Voltages ......................... –0.3V to 65V
PLLIN, PGOOD Voltages .............................. –0.3V to 6V
MODE, DRVUV Voltages .............................. –0.3V to 6V
FREQ Voltage ............................................... –0.3V to 6V
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
SENSE–
SS
VFB
ITH
MODE
GND
CRUMP_EN
PLLIN
PGOOD
FREQ
DRVSET
DRVUV
SENSE+
OVLO
INTVCC
RUN
EXTVCC
VIN
NDRV
DRVCC
BG
BOOST
SW
TG
25
TJMAX = 150°C, θJA = 33°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE
SOLDERED TO PCB FOR RATED ELECTRICAL AND
THERMAL CHARACTERISTICS
8
9
TOP VIEW
UFD PACKAGE
24-LEAD (4mm
× 5mm) PLASTIC QFN
25
10 11 12
24 23 22 21 20
6
5
4
3
2
1
VFB
ITH
MODE
GND
CPUMP_EN
PLLIN
PGOOD
RUN
EXTVCC
VIN
NDRV
DRVCC
BG
BOOST
7
14
15
16
17
18
19
13
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE
SOLDERED TO PCB FOR RATED ELECTRICAL AND
THERMAL CHARACTERISTICS
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7801EFE#PBF
LTC7801EFE#TRPBF
LTC7801FE
24-Lead Plastic TSSOP
–40°C to 125°C
LTC7801IFE#PBF
LTC7801IFE#TRPBF
LTC7801FE
24-Lead Plastic TSSOP
–40°C to 125°C
LTC7801HFE#PBF
LTC7801HFE#TRPBF
LTC7801FE
24-Lead Plastic TSSOP
–40°C to 150°C
LTC7801EUFD#PBF
LTC7801EUFD#TRPBF
7801
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7801IUFD#PBF
LTC7801IUFD#TRPBF
7801
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7801HUFD#PBF
LTC7801HUFD#TRPBF
7801
24-Lead (4mm × 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC7801#orderinfo
DRVSET, CPUMP_EN Voltages..................... –0.3V to 6V
NDRV ................................................................. (Note 9)
EXTVCC Voltage ......................................... –0.3V to 14V
ITH, VFB Voltages......................................... –0.3V to 6V
SS, OVLO Voltages ...................................... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC7801E, LTC7801I.......................... –40°C to 125°C
LTC7801H .......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com