Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4609 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4609
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 17Page - Linear Technology LTM4609 Datasheet HTML 18Page - Linear Technology LTM4609 Datasheet HTML 19Page - Linear Technology LTM4609 Datasheet HTML 20Page - Linear Technology LTM4609 Datasheet HTML 21Page - Linear Technology LTM4609 Datasheet HTML 22Page - Linear Technology LTM4609 Datasheet HTML 23Page - Linear Technology LTM4609 Datasheet HTML 24Page - Linear Technology LTM4609 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LTC7812
21
7812fc
For more information www.linear.com/LTC7812
APPLICATIONS INFORMATION
Using the inductor ripple current value from the Inductor
ValueCalculationsection,thetargetsenseresistorvalueis:
R(EQUIV) =
VSENSE(MAX)
IMAX +
DIL
2
To ensure that the application will deliver full load cur-
rent over the full operating temperature range, determine
RSENSE(EQUIV), keeping in mind that the maximum current
sense threshold (VSENSE(MAX)) for the LTC7812 is fixed
at 50mV.
Next, determine the DCR of the inductor. Where provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of resistance, which is approximately 0.4%/°C.
A conservative value for TL(MAX) is 100°C.
To scale the maximum inductor DCR to the desired sense
resistor value, use the divider ratio:
RD =
RSENSE(EQUIV)
DCRMAX atTL(MAX)
C1 is usually selected to be in the range of 0.1µF to 0.47µF.
This forces R1||R2 to around 2k, reducing error that might
have been caused by the SENSE+ pin’s ±1µA current.
The equivalent resistance R1||R2 is scaled to the room
temperature inductance and maximum DCR:
R1R2 =
L
(DCR at 20°C) • C1
The sense resistor values are:
R1=
R1 R2
RD
; R2 =
R1• RD
1−RD
The maximum power loss in R1 is related to duty cycle.
For the buck controllers, the maximum power loss will
occur in continuous mode at the maximum input voltage:
PLOSS R1=
(VIN(MAX) − VOUT) • VOUT
R1
For the boost controller, the maximum power loss in R1
will occur in continuous mode at VIN = 1/2•VOUT:
PLOSS R1=
(VOUT(MAX) − VIN) • VIN
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
sense resistors. Light load power loss can be modestly
higher with a DCR network than with a sense resistor,
due to the extra switching losses incurred through R1.
However,DCRsensingeliminatesasenseresistor,reduces
conduction losses and provides higher efficiency at heavy
loads.Peakefficiencyisaboutthesamewitheithermethod.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because
of MOSFET gate charge losses. In addition to this basic
trade-off, the effect of inductor value on ripple current and
low current operation must also be considered.
The inductor value has a direct effect on ripple current.
The inductor ripple current DIL decreases with higher
inductance or frequency. For the buck controller, DIL
increases with higher VIN:
DIL =
1
(f)(L)
VOUT 1−
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
For the boost controller, the inductor ripple current DIL
increases with higher VOUT:
DIL =
1
(f)(L)
VIN 1−
VIN
VOUT
⎛
⎝
⎜
⎞
⎠
⎟
Accepting larger values of DIL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is DIL = 0.3(IMAX). The maximum
DIL occurs at the maximum input voltage for the buck and
VIN = 1/2•VOUT for the boost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com