Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7813 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7813
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC7800
13
7800f
For more information www.linear.com/LTC7800
A phase-locked loop (PLL) is available on the LTC7800
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. The
LTC7800’s phase detector adjusts the voltage (through
an internal lowpass filter) of the VCO input to align the
turn-on of the controller’s external top MOSFET to the
rising edge of the synchronizing signal.
The VCO input voltage is prebiased to the operating fre-
quency set by the FREQ pin before the external clock is
applied. If prebiased near the external clock frequency,
the PLL loop only needs to make slight changes to the
VCO input in order to synchronize the rising edge of the
external clock’s to the rising edge of TG. The ability to
prebias the loop filter allows the PLL to lock-in rapidly
without deviating far from the desired frequency.
The typical capture range of the phase-locked loop is from
approximately 300kHz to 2.3MHz, with a guarantee to be
between 320kHz and 2.25MHz. In other words, the
LTC7800’s PLL is guaranteed to lock to an external clock
sourcewhosefrequencyisbetween320kHzand2.25MHz.
The typical input clock thresholds on the PLLIN/MODE
pin are 1.6V (rising) and 1.1V (falling). The LTC7800 is
guaranteed to synchronize to an external clock that swings
up to at least 2.5V and down to 0.5V or less.
Output Overvoltage Protection
An overvoltage comparator guards against transient over-
shoots as well as other more serious conditions that may
overvoltage the output. When the VFB pin rises by more
than 10% above its regulation point of 0.800V, the top
MOSFET is turned off and the bottom MOSFET is turned
on until the overvoltage condition is cleared.
Power Good Pin
ThePGOODpinisconnectedtoanopendrainofaninternal
N-channel MOSFET. The MOSFET turns on and pulls the
PGOOD pin low when the VFB pin voltage is not within
±10%ofthe0.8Vreferencevoltage.ThePGOODpinisalso
pulled low when the RUN pin is low (shut down). When
the VFB pin voltage is within the ±10% requirement, the
MOSFET is turned off and the pin is allowed to be pulled
up by an external resistor to a source no greater than 6V.
Foldback Current
When the output voltage falls to less than 70% of its
nominal level, foldback current limiting is activated, pro-
gressively lowering the peak current limit in proportion to
the severity of the overcurrent or short-circuit condition.
Foldback current limiting is disabled during the soft-start
interval (as long as the VFB voltage is keeping up with the
TRACK/SS voltage).
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com