Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4442 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4442
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4442 Datasheet HTML 17Page - Linear Technology LTC4442 Datasheet HTML 18Page - Linear Technology LTC4442 Datasheet HTML 19Page - Linear Technology LTC4442 Datasheet HTML 20Page - Linear Technology LTC4442 Datasheet HTML 21Page - Linear Technology LTC4442 Datasheet HTML 22Page - Linear Technology LTC4442 Datasheet HTML 23Page - Linear Technology LTC4442 Datasheet HTML 24Page - Linear Technology LTC4442 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC7820
21
7820fc
For more information www.linear.com/LTC7820
TYPICAL APPLICATIONS
Figure 7. High Efficiency 48V/24V to 24V/12V, 15A Voltage Divider
0.1µF
10k
10k
100k
60.4k
4.7µF
10
BSC032N04LS
M4
CVLOW
10µF
×6
CFLY
10µF
×16
CTOP
10µF
×4
BSC032N04LS
M3
BSC032N04LS
M2
BSC100N06LS
M1
DB3
CMDSH-4
DB2
CMDSH-4
CB1
0.1µF
CB2
1µF
CB3
1µF
DB1
CMDSH-4
0.1µF
0.1µF
10
10k
2.2µF
0.1µF
VCC
VHIGH_SENSE
UV
HYS_PRGM
PGOOD
FREQ
FAULT
FAULT
GND
INTVCC
G3
G4
INTVCC
TIMER
G2
LTC7820
BOOST3
SW3
VLOW_SENSE
VLOW
BOOST2
BOOST1
SW1
G1
INTVCC
EXTVCC
RUN
ISENSE+
ISENSE–
48V/24V
24V/12V
15A*
PGOOD
*LOAD CURRENT APPLIED AFTER START-UP
12V
VIN
VOUT
7820 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com