Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4256-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LT4256-2
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-2 Datasheet(HTML) 4 Page - Linear Technology

  LT4256-2 Datasheet HTML 1Page - Linear Technology LT4256-2 Datasheet HTML 2Page - Linear Technology LT4256-2 Datasheet HTML 3Page - Linear Technology LT4256-2 Datasheet HTML 4Page - Linear Technology LT4256-2 Datasheet HTML 5Page - Linear Technology LT4256-2 Datasheet HTML 6Page - Linear Technology LT4256-2 Datasheet HTML 7Page - Linear Technology LT4256-2 Datasheet HTML 8Page - Linear Technology LT4256-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC7820
4
7820fc
For more information www.linear.com/LTC7820
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7820 is tested under pulsed load conditions such that TJ
≈ TA. The LTC7820E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC7820I is guaranteed
over the –40°C to 125°C operating junction temperature range. Note that
the maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors. TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 43°C/W).
Note 3: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 4: Delay times are measured using 50% levels with SW3 = VLOW =
6V, SW1 = 12V.
Note 5: The maximum output operating voltage for divider applications is
36V, the maximum input operating voltage for doubler applications is 36V.
Note 6: The maximum input operating voltage for divider applications is
72V, the maximum output operating voltage for doubler applications is 72V.
Note 7: When VCC > 15V, EXTVCC lower than VCC is recommended to
improve efficiency and reduce IC Temperature.
Note 8: All the voltage is referred to the GND pin unless otherwise
specified.
Note 9: EXTVCC is enabled only if VCC is higher than 7V.
Note 10: Guaranteed by design.
Note 11: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum junction temperature
may impair device reliability or permanently damage the device.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VLOW
ISOURCEVLOW
Source Current to VLOW Pin from ISENSE+
ISENSE+ = VHIGH_SENSE = 24V,
VLOW_SENSE = 11V, VLOW = 12V, Timer = 1V
93
mA
ISINKVLOW
Sink Current from VLOW Pin to GND
ISENSE+ = VHIGH_SENSE = 24V,
VLOW_SENSE = 13V, VLOW = 12V, Timer = 1V
50
mA
Oscillator
fs
Oscillator Frequency Range
100
1000
kHz
fNOM
Nominal Frequency
VFREQ = 1.02V
500
kHz
IFREQ
FREQ Setting Current
VFREQ = 1.02V (Note 3)
–9.5
–10
–10.5
µA
FAULTB and HYS_PRGM
RFAULT
FAULT Pull-Down Resistance
VFAULT = 0.5V
200
400
Ω
IFAULT_LEAK
FAULT Leakage Current
VFAULT = 80V
±2
µA
IHYS_PRGM
HYS_PRGM Setting Current
VHYS_PRGM = 1V (Note 3)
l
–9.3
–10
–10.7
µA
VVLOW_SENSE_FAULT VLOW_SENSE Voltage Trigger Fault
VVHIGH_SENSE = 24V, VHYS_PRGM = 0V
VVLOW_SENSE Ramp Up
VVLOW_SENSE Ramp Down
l
l
12.2
11.6
12.3
11.7
12.4
11.8
V
V
VVHIGH_SENSE = 24V, VHYS_PRGM = 5V
VVLOW_SENSE Ramp Up
VVLOW_SENSE Ramp Down
l
l
12.7
11.1
12.8
11.2
12.9
11.3
V
V
VVHIGH_SENSE = 24V, VHYS_PRGM = 2.4V
VVLOW_SENSE Ramp Up
VVLOW_SENSE Ramp Down
l
l
14.15
9.5
14.3
9.65
14.45
9.8
V
V
UV Comparator and PGOOD
VUVTH
UV Pin Comparator Threshold
UV Pin Voltage Rising
0.985
1.01
1.035
V
VUVHYS
Undervoltage Hysteresis
120
mV
RPGOOD
PGOOD Pull-Down Resistance
VPGOOD = 0.5V
150
300
Ω
IPGOOD_LEAK
PGOOD Leakage Current
VPGOOD = 45V
±1
µA
Timer
ITIMER
Timer Pin Current
VTIMER < 0.5V or VTIMER > 1.2V (Note 3)
–3.5
µA
0.5V < VTIMER < 1.2V (Note 3)
–7
µA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = 12V, VRUN = 5V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com