Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4636 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4636
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 16Page - Linear Technology LTM4636 Datasheet HTML 17Page - Linear Technology LTM4636 Datasheet HTML 18Page - Linear Technology LTM4636 Datasheet HTML 19Page - Linear Technology LTM4636 Datasheet HTML 20Page - Linear Technology LTM4636 Datasheet HTML 21Page - Linear Technology LTM4636 Datasheet HTML 22Page - Linear Technology LTM4636 Datasheet HTML 23Page - Linear Technology LTM4636 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC7820
20
7820fc
For more information www.linear.com/LTC7820
APPLICATIONS INFORMATION
Design Example
As a design example using LTC7820 for a high voltage
high power voltage divider, assume VIN = 48V (nominal),
VIN = 55V (maximum), VOUT = 24V (nominal), IOUT = 15A
(maximum).
For high power and high voltage applications, always start
withalowswitchingfrequencye.g.200kHztominimizethe
switching losses. To set the 200kHz switching frequency,
a 60.4k/1% resistor is connected from Freq pin to ground.
Setting the CFLY voltage ripple to be 2% of the output
voltage is a good starting point with trade-off between
efficiency and power density. The CFLY can be calculated
based on the equation below:
CFLY =
IOUT(MAX)
2fSVCFLY(RIPPLE)
=
15A
2 • 200kHz • 0.48V
= 78.125µF
Considering the ceramic capacitance derating at 24V DC
bias voltage, 16 of 10µF/X7R/50V ceramic capacitors are
paralleledasflyingcapacitors.TheworstcaseRMScurrent
may be 40% higher than the maximum output current. So
the worst case RMS on each capacitor can be estimated
by this equation:
IRMS(MAX) =
IOUT(MAX) •140%
N
=
15A • 140%
16
= 1.3125A
where N is the number of flying capacitors. Double check
and make sure the RMS current on each capacitor is below
the ripple current ratings and temperature rise is below
the limits.
The output capacitor selection is similar to the flying
capacitor selection. More output capacitors resulting
smaller output voltage ripple. Because of the lower RMS
current, the output capacitor value can be much less than
the flying capacitor. Some of the capacitors may be con-
nected between input and output to serve as input/output
capacitorsatthesametime,asshowninFigure6.However
the voltage rating of those capacitors has to be selected
based on the input voltage instead of the output voltage.
ForMOSFETselection,thetopMOSFETM1draintosource
voltage has to be higher than the maximum input voltage,
while the other three MOSFETs drain to source voltage
only needs to be higher than half of the maximum input
voltage. Since logic level FETs are preferred, an Infineon
BSC100N06LS is chosen as the top MOSFET M1 and
BSC032N04LS are used as M2/3/4. Based on the output
resistance equation in the application section, the output
resistance is around 20mΩ, which will result 300mV drop
at the 24V output at 15A load current. In reality, due to
the finite dead time and parasitic resistance on the PCB,
the voltage drop may be higher than the calculated value.
Taking into account the output voltage ripple, a window
comparator with ±1V programmed hysteresis is used to
monitor the output voltage and compares it with the half
of the input voltage during operation. To set the 1V hys-
teresis,a100k/1%resistorisconnectedfromHYS_PRGM
pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com