Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6911DTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6911DTR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911DTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6911DTR Datasheet HTML 9Page - STMicroelectronics L6911DTR Datasheet HTML 10Page - STMicroelectronics L6911DTR Datasheet HTML 11Page - STMicroelectronics L6911DTR Datasheet HTML 12Page - STMicroelectronics L6911DTR Datasheet HTML 13Page - STMicroelectronics L6911DTR Datasheet HTML 14Page - STMicroelectronics L6911DTR Datasheet HTML 15Page - STMicroelectronics L6911DTR Datasheet HTML 16Page - STMicroelectronics L6911DTR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
L6911D
Part List
Resistor
R1
Not Mounted
SMD 0805
R2
470
1%
SMD 0805
R3
1k
SMD 0805
R4
82
SMD 0805
R5
Not Mounted
SMD 0805
R6
1k
SMD 0805
R7
1k
SMD 0805
R8
13k
SMD 0805
R9
100k
SMD 0805
R10
Not Mounted
SMD 0805
R12
20k
SMD 0805
R13, R14
Short Circuit
SMD 0805
Capacitor
C1-C3
680
µF - 6.3V
OSCON 6SP680M
Radial 10x10.5
C4-C9
820
µF - 4V
680
µF - 6.3V
OSCON 6SP680M
OSCON 4SP820M
Radial 10x10.5
Radial 10x10.5
C16
100n
SMD 0805
C17
100n
SMD 0805
C18
2.2n
SMD 0805
C19
Not Mounted
SMD 0805
C20
100n
SMD 0805
C23
1n
SMD 0805
C24
100n
SMD 0805
C25
47n
SMD 0805
Magnetics
L1
1.5
µH
T44-52 Core, 7T-18AWG
L2
1.8
µH
T50-52B Core, 7T-16AWG
Transistors
Q1-Q5
STS12NF30L
STMicroelectronics
SO8
Diodes
D1
1N4148
STMicroelectronics
SOT23
D2
STPS3L25U
STMicroelectronics
SMB
Ics
U1
L6911D
STMicroelectronics
SO20
Fuse
F1
251015A-15A
Littlefuse
AXIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com