Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHC4913PDU Datasheet(PDF) 5 Page - STMicroelectronics

Part # LHC4913PDU
Description  3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LHC4913PDU Datasheet(HTML) 5 Page - STMicroelectronics

  LHC4913PDU Datasheet HTML 1Page - STMicroelectronics LHC4913PDU Datasheet HTML 2Page - STMicroelectronics LHC4913PDU Datasheet HTML 3Page - STMicroelectronics LHC4913PDU Datasheet HTML 4Page - STMicroelectronics LHC4913PDU Datasheet HTML 5Page - STMicroelectronics LHC4913PDU Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LHC4913 SERIES
5/6
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.25
3.5
0.128
0.138
a1
3
3.15
3.3
0.118
0.124
0.130
A2
0.1
0.039
A4
0.8
1
0.031
0.039
A5
0.15
0.2
0.25
0.006
0.008
0.010
b
0.4
0.53
0.016
0.021
c
0.23
0.32
0.09
0.013
D
15.8
16
0.622
0.630
D1
9.4
9.8
0.370
0.386
D2
1
0.039
E
13.9
14.5
0.547
0.571
e
1.12
1.27
1.42
0.044
0.050
0.056
e3
11.43
0.450
E1
10.9
11.1
0.429
0.437
E2
2.9
0.114
E3
5.8
6.2
0.228
.0244
G
0
0.1
0.000
0.004
h
1.1
0.043
H
15.5
15.9
0.610
0.626
L
0.8
1.1
0.031
0.043
N10°
10°
R
0.6
0.024
S0°
8°
0°
8°
V5°
7°
5°
7°
PowerSO-20 Slug-up MECHANICAL DATA
e
A
A2
E
a1
A5
D2 (x2)
M
PSO20DME
D
E1
E2
E2
h x 45˚
S
Gage Plane
0.35
L
DETAIL A
DETAIL A
(COPLANARITY)
GC
- C -
SEATING PLANE
e3
b
c
N
H
N
V
E3
10
1
D1
20
11
A4
R
0088259-B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com