Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1.BM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GW-CSSRM1.BM
Description  SMT ceramic package with silicone resin and silicone lens
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM1.BM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GW-CSSRM1.BM Datasheet HTML 8Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 9Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 10Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 11Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 12Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 13Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 14Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 15Page - OSRAM GmbH GW-CSSRM1.BM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Version 1.4
GW CSSRM1.BM
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
ΦV/ΦV(85 °C) = f(Tj); IF = 700 mA
Cx, Cy = f(Tj); IF = 700 mA
GW CSSRM1.BM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
GW CSSRM1.BM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(85°C)
GW CSSRM1.BM
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: Cx - white
: Cy - white
2018-01-02
12
Relative Forward Voltage 5) page 24
Relative Vorwärtsspannung 5) Seite 24
Relative Luminous Flux 5) page 24
Relativer Lichtstrom 5) Seite 24
Farbortverschiebung 5) Seite 24
Chromaticity Coordinate Shift 5) page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com