Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1.EC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GW-CSSRM1.EC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM1.EC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GW-CSSRM1.EC Datasheet HTML 6Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 7Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 8Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 9Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 10Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 11Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 12Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 13Page - OSRAM GmbH GW-CSSRM1.EC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2018-01-02
10
Version 1.6(not for new design)
GW CSSRM1.EC
7K
0.3625
0.3711
6S
0.4263
0.3929
5Z
0.4639
0.3948
0.3642
0.3805
0.4305
0.4019
0.4689
0.3953
0.3714
0.3775
0.4342
0.3957
0.4696
0.4042
0.3736
0.3874
0.4386
0.4048
0.4747
0.4047
5L
0.3670
0.3578
7S
0.4305
0.4019
6Z
0.4696
0.4042
0.3692
0.3677
0.4346
0.4108
0.4747
0.4047
0.3746
0.3624
0.4386
0.4048
0.4753
0.4136
0.3773
0.3726
0.4430
0.4138
0.4805
0.4141
6L
0.3692
0.3677
8S
0.4346
0.4108
7Z
0.4753
0.4136
0.3714
0.3775
0.4387
0.4197
0.4805
0.4141
0.3773
0.3726
0.4430
0.4138
0.4809
0.4230
0.3799
0.3828
0.4474
0.4228
0.4863
0.4234
7L
0.3714
0.3775
5T
0.4298
0.3867
8Z
0.4809
0.4230
0.3736
0.3874
0.4342
0.3957
0.4863
0.4234
0.3799
0.3828
0.4373
0.3893
0.4866
0.4324
0.3826
0.3931
0.4420
0.3985
0.4922
0.4329
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com