Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1.PC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # GW-CSSRM1.PC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-CSSRM1.PC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button GW-CSSRM1.PC Datasheet HTML 8Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 9Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 10Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 11Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 12Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 13Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 14Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 15Page - OSRAM GmbH GW-CSSRM1.PC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
2017-10-26
12
Version 1.6(not for new design)
GW CSSRM1.PC
Forward Current 5) page 25 , 7) page 25
Durchlassstrom 5) Seite 25 , 7) Seite 25
IF = f (VF); TJ = 85 °C
Relative Luminous Flux 5) page 25 , 7) page 25
Relativer Lichtstrom 5) Seite 25 , 7) Seite 25
ΦVV(700 mA) = f(IF); TJ = 85 °C
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
Cx, Cy = f(IF); TJ = 85 °C
GW CSSRM1.PC
2,7
2,8
2,9
3,0
3,1
3,2
VF [V]
200
400
600
800
1000
1200
1400
1600
1800
IF [mA]
GW CSSRM1.PC
20
0
40
0
60
0
80
0
10
00
14
00
18
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
V
Φ
V(700mA)
GW CSSRM1.PC
20
0
40
0
60
0
80
0
10
00
14
00
18
00
IF [mA]
0,335
0,340
0,345
0,350
0,355
0,360
Cx
Cy
: Cx - White
: Cy - White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com