Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82562G Datasheet(PDF) 21 Page - Intel Corporation

Part # 82562G
Description  Mbps Platform LAN Connect
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82562G Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82562G Datasheet HTML 17Page - Intel Corporation 82562G Datasheet HTML 18Page - Intel Corporation 82562G Datasheet HTML 19Page - Intel Corporation 82562G Datasheet HTML 20Page - Intel Corporation 82562G Datasheet HTML 21Page - Intel Corporation 82562G Datasheet HTML 22Page - Intel Corporation 82562G Datasheet HTML 23Page - Intel Corporation 82562G Datasheet HTML 24Page - Intel Corporation 82562G Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Networking Silicon — 82562G
Datasheet
17
• Differential pulses of peak magnitude less than 300 mV.
• Continuous sinusoids with a differential amplitude less than 6.2 VPP and frequency less than 2
MHz.
• Sine waves of a single cycle duration starting with 0° or 180° phase that have a differential
amplitude less than 6.2 VPP and a frequency of at least 2 MHz and not more than 16 MHz.
These single-cycle sine waves are discarded only if they are preceded by 4 bit times (400 ns)
of silence.
All other activity is determined to be either data, link test pulses, Auto-Negotiation fast link pulses,
or the idle condition.
5.3
Analog References
The 82562G has two inputs, RBIAS100 and RBIAS10, that require external resistor connections to
set biases for its internal analog section. The input pins are sensitive to the resistor value and
experimentation is required to determine the correct values for any given layout. Note that the
values listed in Figure 4 are starting values. Also, resistors of 1% tolerance should be used.
5.4
Dynamic Reduced Power & Auto Plugging Detection
The 82562G can be configured to support a dynamic reduced power mode. This mode reduces
power consumption of the 82562G when LAN activity is not present. The reduced power mode
decreases power consumption from 300 mW to about 50 mW and is based on automatic detection
of cable plugging. If the 82562G is configured to support dynamic power reduction, it enters the
reduced power mode whenever a cable is not connected to the device. In reduced power mode, the
82562G shuts off the link circuits, except the circuit used for the automatic plugging detection. On
the LAN Connect side, the entire interface remains active, including full access to all Media
Independent Interface (MII) registers. In this mode, the 82562G switches to the 10 Mbps speed
interface (5 MHz for LAN Connect). Thus, the reduced power mode is fully transparent to driver.
Figure 4. Analog References
82562
RBIAS100
RBIAS10
619 1%
549 1%
649
Ω 1%
619
Ω 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com