Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL212AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL212AT
Description  Optocoupler, Phototransistor Output, With Base Connection in
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL212AT Datasheet(HTML) 4 Page - Vishay Siliconix

  IL212AT Datasheet HTML 1Page - Vishay Siliconix IL212AT Datasheet HTML 2Page - Vishay Siliconix IL212AT Datasheet HTML 3Page - Vishay Siliconix IL212AT Datasheet HTML 4Page - Vishay Siliconix IL212AT Datasheet HTML 5Page - Vishay Siliconix IL212AT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83615
Rev. 1.5, 26-Oct-04
IL211AT/ 212AT/ 213AT
Vishay Semiconductors
Figure 5. Normalized Collector-Base Photocurrent vs. LED
Current
Figure 6. Collector-Base Photocurrent vs. LED Current
Figure 7. Collector-Emitter Leakage Current vs.Temp.
iil211at_05
.1
1
10
100
IF - LED Current - mA
Normalized to:
VCB =9.3 V
IF =10 mA
TA = 25°C
10
1
.1
.01
iil211at_06
IF - LED Current - mA
TA = 25°C
VCB =9.3 V
1000
100
10
1
.1
.1
1
10
100
iil211at_07
TA - Ambient Temperature - °C
105
10 4
10 3
10 2
101
10 0
10 -1
10-2
-20
0
20
40
60
80
100
VCE =10V
Typical
Figure 8. Normalized Saturated HFE vs. Base Current and
Temperature
Figure 9. Typical Switching Characteristics vs. Base Resistance
(Saturated Operation)
Figure 10. Typical Switching Times vs. Load Resistance
iil211at_08
1
1 0
100
1000
0.0
0.5
1.0
1.5
2.0
25°C
50°C
70°C
Ib - Base Current - µA
Vce = 0.4 V
Ib = 20
µA
Vce=10V
Ta = 25°C
Normalized to:
iil211at_09
100
50
10
5
1.0
Input:
Base-emitter resistance, RBE (Ω)
TOF
F
TON
10K
50K
100K
500K
1M
IF=10 mA
Pulse width = 100 mS
Duty cycle = 50%
iil211at_10
1000
500
100
50
10
5
1
0.1
0.5
1
5
10
50 100
Input:
IF =10 mA
Pulse width = 100 mS
Duty cycle = 50%
T OFF
TON
Load resistance RL (K
Ω)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com