Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2501 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2501
Description  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2501 Datasheet HTML 6Page - National Semiconductor (TI) LM2501 Datasheet HTML 7Page - National Semiconductor (TI) LM2501 Datasheet HTML 8Page - National Semiconductor (TI) LM2501 Datasheet HTML 9Page - National Semiconductor (TI) LM2501 Datasheet HTML 10Page - National Semiconductor (TI) LM2501 Datasheet HTML 11Page - National Semiconductor (TI) LM2501 Datasheet HTML 12Page - National Semiconductor (TI) LM2501 Datasheet HTML 13Page - National Semiconductor (TI) LM2501 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Features and Operation (Continued)
When the Deserializer’s PD* signal is de-asserted, the WC
output will power up and initialize the serializer and start
transmitting the clock reference. Once the Serializer re-
ceived the clock, it waits seven cycles, and then outputs the
clock signal. Seven cycles later, the Serializer’s PLL will
begin to lock if PCLK is present.
When the Deserializer’s PD* signal is asserted, the WC
signal is turned off.
MISC. Definitions:
Bus States:
Logic Low — 5Idata flowing from the Receiver to the
Driver
Logic High — Idata flowing from the Receiver to the Driver
Power Off —
No Current flowing in the interconnect
Signals & Nomenclature:
MD = MPL Data Signal, subscript denotes source, m =
master, s = slave
MC = MPL Clock Signal
WC = MPL WhisperClock Signal
* =
Active Low Signal
20091609
FIGURE 11. Active to Sleep
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com