Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2902
Description  Micropower Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2902 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2902 Datasheet HTML 1Page - National Semiconductor (TI) LP2902 Datasheet HTML 2Page - National Semiconductor (TI) LP2902 Datasheet HTML 3Page - National Semiconductor (TI) LP2902 Datasheet HTML 4Page - National Semiconductor (TI) LP2902 Datasheet HTML 5Page - National Semiconductor (TI) LP2902 Datasheet HTML 6Page - National Semiconductor (TI) LP2902 Datasheet HTML 7Page - National Semiconductor (TI) LP2902 Datasheet HTML 8Page - National Semiconductor (TI) LP2902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
32V or g 16V
LP2902
26V or g 13V
Differential Input Voltage
32V
LP2902
26V
Input Voltage (Note 1)
b
03V to 32V
LP2902
b
03V to 26V
Output Short-Circuit to GND
Continuous
(One Amplifier) (Note 2)
Va s 15V and TA e 25 C
ESD Susceptibility (Note 9)
g
500V
Operating Conditions
Package
JN
M
Power Dissipation
500 mW
500 mW
500 mW
(Note 3)
Tj Max
150 C
150 C
150 C
ija
90 CW
90 CW
140 CW
Operating Temp Range
(Note 4)
(Note 4)
(Note 4)
Storage Temp Range
b
65 C s T s 150 C
Soldering
Information (10 sec)
300 C
260 C
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
Electrical Characteristics (Note 5)
LP124
LP2902 (Note 8)
LP324
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
Typ
Limit
Limit
Limits
(Note 6)
(Note 7)
(Note 6)
(Note 7)
(Note 6)
(Note 7)
Vos
Input Offset
1
2
7
24
10
24
9
mV
Voltage
4
(Max)
Ib
Input Bias
1
4
8
220
40
210
20
nA
Current
8
(Max)
Ios
Input Offset
01
1
2
05
4
8
02
2
4
nA
Current
2
(Max)
Avol
Voltage
RL e 10k
100
70
60
70
40
30
100
50
40
VmV
Gain
to GND
60
(Min)
Va e 30V
CMRR
Common
Va e 30V
100
85
75
90
80
75
90
80
75
dB
Mode Rej
0V s Vcm
80
(Min)
Ratio
Vcm k Vab 15
PSRR
Power
Va e 5V to 30V 100
85
75
90
80
75
90
80
75
dB
Supply Rej
80
(Min)
Ratio
Is
Supply
RL e %
85
125
200
85
150
250
85
150
250
m
A
Current
150
(Max)
Vo
Output
IL e 350 mA
36
34
Vab19V 36
34
Vab19V 36
34
Vab19V
V
Voltage
to GND
31
(Min)
Swing
Vcm e 0V
IL e 350 mA
07
08
10
07
08
10
07
08
10
V
to Va
10
(Max)
Vcm e 0V
Iout
Output
Vo e 3V
11
9
4
10
7
4
10
7
4
mA
Source
Source
Vin (diff) e 1V
4
(Min)
Current
Iout
Output
Vo e 15V
6
5
4
54
3
54
3
mA
Sink
Sink
Vin (diff) e 1V
4
(Min)
Current
Iout
Output
Vo e 15V
5
3
15
42
1
42
1
mA
Sink
Sink
Vcm e 0V
05
(Min)
Current
Isource
Output
Vin (diff) e 1V
20
25
35
20
25
35
20
25
35
mA
Short to GND
35
35
35
(Max)
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com