Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3667 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3667
Description  40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3667 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3667 Datasheet HTML 17Page - Linear Technology LT3667 Datasheet HTML 18Page - Linear Technology LT3667 Datasheet HTML 19Page - Linear Technology LT3667 Datasheet HTML 20Page - Linear Technology LT3667 Datasheet HTML 21Page - Linear Technology LT3667 Datasheet HTML 22Page - Linear Technology LT3667 Datasheet HTML 23Page - Linear Technology LT3667 Datasheet HTML 24Page - Linear Technology LT3667 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LT3667
21
3667fb
For more information www.linear.com/LT3667
APPLICATIONS INFORMATION
Synchronization (QFN Only)
Synchronizing the oscillator of the LT3667 to an external
frequency can be done by connecting a digital clock signal
to the SYNC pin. The LT3667 then synchronizes its SW
node to the rising edge of this clock signal, as shown in
Figure 4. The square wave amplitude should have valleys
that are below 0.5V and peaks that are above 1.2V (up to
6V), and its on-time and off-time should not fall below
50ns. There is a time delay of typically 280ns between the
rising edge of SYNC and the rising edge of SW which is
in part caused by the minimum switch off-time. The fall-
ing edge of SW is sensitive to the falling edge of SYNC,
it is therefore recommended to adjust the duty cycle of
the SYNC clock signal accordingly to keep its on-time as
short as possible. Alternatively, AC coupling as shown in
Figure 5 can be used to shorten the clock signal's on-time.
from SYNC to ground which will draw current.
TheLT3667maybesynchronizedovera300kHzto2.2MHz
range.TheRTresistorshouldbechosentosettheswitching
frequency 20% below the lowest synchronization input.
For example, if the synchronization signal is 360kHz, RT
should be chosen for 300kHz. Since RT also sets the slope
compensationwhichavoidssubharmonicoscillations,the
minimum inductor value must be calculated using the
frequency determined by RT.
UVLO1 Pin (QFN Only)
TheswitchingregulatorpartoftheLT3667canbeindepen-
dently disabled via the UVLO1 pin. The falling threshold of
the UVLO1 comparator is 1V, with a 75mV hysteresis. The
UVLO1 pin has no effect if VIN1 and VIN2 are below 4.3V,
because then the internal undervoltage lockout keeps the
LT3667 shut down anyway.
Adding a resistive divider from IN1 to UVLO1 as shown
in Figure 6 programs the LT3667 to enable the switching
regulator only when VIN1 is above a certain threshold
voltage VIN(UVLO1), given by:
VIN(UVLO1) =
R1+R2
R2
•1V
Notethatduetothecomparator’shysteresis,theswitching
regulator will not be enabled until the input rises slightly
above VIN(UVLO1).
Figure 6. UVLO1 Pin Allows Programmable Undervoltage
Lockout or Independent Disable of the Switching Regulator
3667 F04
200ns/DIV
VSYNC
2V/DIV
RINSING
SYNC
TRIGGERS
SW
VSW
5V/DIV
FRONT PAGE APPLICATION
SYNC
10k
3667 F05
10pF
3.3V
LT3667
GND
Figure 4. Synchronization Waveforms
Figure 5. Example of AC Coupling of SYNC Clock Signal
The LT3667 still enters Burst Mode operation at low
output loads while synchronized to an external clock, but
the burst pulses are synchronized to that clock signal. If
synchronization is not needed, the SYNC pin should be
grounded. It may also be tied to a voltage above 1.2V
(logic high), but note that there is an internal 4M resistor
+
–
SWITCHING
REGULATOR
SHUT DOWN
1V
UVLO1
LT3667
IN1
R1
R2
VIN1
3667 F06
Shorted and Reversed Input Protection
If the inductor is chosen so that it won’t saturate exces-
sively, the switching regulator will tolerate a shorted
output. There is another situation to consider in systems
where the output will be held high when the input to the
LT3667 is absent. This may occur in battery charging
applications or in battery backup systems where a battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com