Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP324 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP324
Description  Micropower Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP324 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP324 Datasheet HTML 1Page - National Semiconductor (TI) LP324 Datasheet HTML 2Page - National Semiconductor (TI) LP324 Datasheet HTML 3Page - National Semiconductor (TI) LP324 Datasheet HTML 4Page - National Semiconductor (TI) LP324 Datasheet HTML 5Page - National Semiconductor (TI) LP324 Datasheet HTML 6Page - National Semiconductor (TI) LP324 Datasheet HTML 7Page - National Semiconductor (TI) LP324 Datasheet HTML 8Page - National Semiconductor (TI) LP324 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH8562
February 1995
LP124LP2902LP324 Micropower Quad
Operational Amplifier
General Description
The LP124 series consists of four independent high gain
internally compensated micropower operational amplifiers
These amplifiers are specially suited for operation in battery
systems while maintaining good input specifications and
extremely low supply current drain In addition the LP124
has an input common mode range and output source range
which includes ground making it ideal in single supply appli-
cations
These amplifiers are ideal in applications which include por-
table instrumentation battery backup equipment and other
circuits which require good DC performance and low supply
current
Features
Y
Low supply current
125 mA (max)
Y
Low offset voltage
2 mV (max)
Y
Low input bias current
4 nA (max)
Y
Input common mode to GND
Y
Interfaces to CMOS logic
Y
Wide supply range
3V k Va k 32V
Y
Small Outline Package available
Y
Pin-for-pin compatible with LM124
Connection Diagram
Dual-in-Line (J N) and SO (M)
TLH8562 – 1
Order Number LP124J or LP324J
See NS Package Number J14A
Order Number LP324M or LP2902M
See NS Package Number M14A
Order Number LP324N or LP2902N
See NS Package Number N14A
Simplified Schematic
TLH8562 – 2
C1996 National Semiconductor Corporation
RRD-B30M56Printed in U S A
http
www nationalcom


Similar Part No. - LP324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Texas Instruments
LP324 TI-LP324 Datasheet
240Kb / 9P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
308Kb / 10P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
411Kb / 12P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324 TI1-LP324 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
More results

Similar Description - LP324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP420G AD-OP420G Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420 AD-OP420_15 Datasheet
121Kb / 8P
Quad Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com