Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6015 Datasheet(PDF) 21 Page - Linear Technology

Part # LT6015
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6015 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT6015 Datasheet HTML 14Page - Linear Technology LT6015 Datasheet HTML 15Page - Linear Technology LT6015 Datasheet HTML 16Page - Linear Technology LT6015 Datasheet HTML 17Page - Linear Technology LT6015 Datasheet HTML 18Page - Linear Technology LT6015 Datasheet HTML 19Page - Linear Technology LT6015 Datasheet HTML 20Page - Linear Technology LT6015 Datasheet HTML 21Page - Linear Technology LT6015 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LT6015/LT6016/LT6017
21
601567ff
For more information www.linear.com/LT6015
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
01/13
Corrected Block Diagram Q7 and Q8
17
B
06/13
Added LT6015 Single Amplifier
Changed MIN IB at VCM = 0V to –60nA, changed GBW test condition to fTEST = 100kHz
Added Wide Input Range Current Sense Amp circuit
All
3-7
17
C
11/13
Revised Order Information table to include mini tape and reel for LT6015
2
D
12/13
Corrected quad pinout
2, 13
E
09/14
Corrected TSOT-23 part marking and package description
2
F
08/15
Corrected axis label on graph G32
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com