Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3260 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3260
Description  Dual-Channel Low Noise Bias Generators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3260 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3260 Datasheet HTML 14Page - Linear Technology LTC3260 Datasheet HTML 15Page - Linear Technology LTC3260 Datasheet HTML 16Page - Linear Technology LTC3260 Datasheet HTML 17Page - Linear Technology LTC3260 Datasheet HTML 18Page - Linear Technology LTC3260 Datasheet HTML 19Page - Linear Technology LTC3260 Datasheet HTML 20Page - Linear Technology LTC3260 Datasheet HTML 21Page - Linear Technology LTC3260 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LT3095
20
3095fa
For more information www.linear.com/LT3095
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTC3095#packaging for the most recent package drawings.
3.00 ±0.10
1.50 REF
5.00 ±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40 ±0.10
23
24
1
2
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.75 ±0.05
R = 0.115
TYP
PIN 1 NOTCH
R = 0.20 OR 0.25
× 45° CHAMFER
0.25 ±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UDD24) QFN 0808 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70 ±0.05
0.25 ±0.05
3.50 REF
4.10 ±0.05
5.50 ±0.05
1.50 REF
2.10 ±0.05
3.50 ±0.05
PACKAGE OUTLINE
R = 0.05 TYP
1.65 ±0.10
3.65 ±0.10
1.65 ±0.05
UDD Package
24-Lead Plastic QFN (3mm
× 5mm)
(Reference LTC DWG # 05-08-1833 Rev Ø)
3.65 ±0.05
0.50 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com