Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3071 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3071
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3071 Datasheet HTML 17Page - Linear Technology LT3071 Datasheet HTML 18Page - Linear Technology LT3071 Datasheet HTML 19Page - Linear Technology LT3071 Datasheet HTML 20Page - Linear Technology LT3071 Datasheet HTML 21Page - Linear Technology LT3071 Datasheet HTML 22Page - Linear Technology LT3071 Datasheet HTML 23Page - Linear Technology LT3071 Datasheet HTML 24Page - Linear Technology LT3071 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3089
21
3089f
For more information www.linear.com/LT3089
TYPICAL APPLICATIONS
Paralleling Regulators
Using IMON Cancels Ballast Resistor Drop
IN
SET
RSET
30.1k
1k
TEMP
IMON
ILIM
20m
OUT
+
–
LT3089
ISET
50µA
VOUT
3V
1.6A
VIN
IN
SET
1k
TEMP
IMON
ILIM
20m
OUT
+
–
LT3089
ISET
50µA
3.01k
3089 TA02
1k
IN
SET
RSET
15k
1k
TEMP
IMON
ILIM
OUT
+
–
LT3089
ISET
50µA
VOUT
1.5V
1.6A
VIN
IN
SET
1k
TEMP
IMON
ILIM
RBALLAST
20m
OUT
+
–
LT3089
ISET
50µA
3089 TA03
RCOMP
50
RBALLAST
20m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com