Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1748 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1748
Description  12-Bit,170Msps/ 135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1748 Datasheet HTML 9Page - Linear Technology LTC1748 Datasheet HTML 10Page - Linear Technology LTC1748 Datasheet HTML 11Page - Linear Technology LTC1748 Datasheet HTML 12Page - Linear Technology LTC1748 Datasheet HTML 13Page - Linear Technology LTC1748 Datasheet HTML 14Page - Linear Technology LTC1748 Datasheet HTML 15Page - Linear Technology LTC1748 Datasheet HTML 16Page - Linear Technology LTC1748 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC2220/LTC2221
13
22201fa
PI FU CTIO S
SENSE (Pin 59): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. Connecting SENSE to VDD selects the internal
reference and a
±1V input range. An external reference
greater than 0.5V and less than 1V applied to SENSE
selects an input range of
±VSENSE. ±1V is the largest valid
input range.
VCM (Pin 60): 1.6V Output and Input Common Mode Bias.
Bypass to ground with 2.2
µF ceramic chip capacitor.
GND (Exposed Pad) (Pin 65): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.
(LVDS Mode)
AIN+ (Pins 1, 2): Positive Differential Analog Input.
AIN– (Pins 3, 4): Negative Differential Analog Input.
REFHA (Pins 5, 6): ADC High Reference. Bypass to
Pins 7, 8 with 0.1
µF ceramic chip capacitor, to Pins 11, 12
with a 2.2
µF ceramic capacitor and to ground with 1µF
ceramic capacitor.
REFLB (Pins 7, 8): ADC Low Reference. Bypass to Pins 5,
6 with 0.1
µF ceramic chip capacitor. Do not connect to
Pins 11, 12.
REFHB (Pins 9, 10): ADC High Reference. Bypass to
Pins 11, 12 with 0.1
µF ceramic chip capacitor. Do not
connect to Pins 5, 6.
REFLA (Pins 11, 12): ADC Low Reference. Bypass to
Pins 9, 10 with 0.1
µF ceramic chip capacitor, to Pins 5, 6
with a 2.2
µF ceramic capacitor and to ground with 1µF
ceramic capacitor.
VDD (Pins 13, 14, 15, 62, 63): 3.3V Supply. Bypass to
GND with 0.1
µF ceramic chip capacitors.
GND (Pins 16, 61, 64): ADC Power Ground.
ENC+ (Pin 17): Encode Input. Conversion starts on the
positive edge.
ENC– (Pin 18): Encode Complement Input. Conversion
starts on the negative edge. Bypass to ground with 0.1
µF
ceramic for single-ended ENCODE signal.
SHDN (Pin 19): Shutdown Mode Selection Pin. Connect-
ing SHDN to GND and OE to GND results in normal
operation with the outputs enabled. Connecting SHDN to
GND and OE to VDD results in normal operation with the
outputs at high impedance. Connecting SHDN to VDD and
OE to GND results in nap mode with the outputs at high
impedance. Connecting SHDN to VDD and OE to VDD
results in sleep mode with the outputs at high impedance.
OE (Pin 20): Output Enable Pin. Refer to SHDN pin
function.
D0–/D0+ to D11–/D11+ (Pins 21, 22, 23, 24, 27, 28, 29,
30, 31, 32, 37, 38, 39, 40, 43, 44, 45, 46, 47, 48, 51, 52,
53, 54): LVDS Digital Outputs. All LVDS outputs require
differential 100
Ω termination resistors at the LVDS re-
ceiver. D11–/D11+ is the MSB.
OGND (Pins 25, 33, 41, 50): Output Driver Ground.
OVDD (Pins 26, 34, 42, 49): Positive Supply for the Output
Drivers. Bypass to ground with 0.1
µF ceramic chip
capacitor.
CLKOUT–/CLKOUT+ (Pins 35 to 36): LVDS Data Valid
Output. Latch data on rising edge of CLKOUT–, falling edge
of CLKOUT+.
OF–/OF+ (Pins 55 to 56): LVDS Over/Under Flow Output.
High when an over or under flow has occurred.
LVDS (Pin 57): Output Mode Selection Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting
LVDS to 1/3VDD selects demux CMOS mode with simulta-
neous update. Connecting LVDS to 2/3VDD selects demux
CMOS mode with interleaved update. Connecting LVDS to
VDD selects LVDS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com