Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1355
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1355 Datasheet HTML 9Page - Linear Technology LT1355 Datasheet HTML 10Page - Linear Technology LT1355 Datasheet HTML 11Page - Linear Technology LT1355 Datasheet HTML 12Page - Linear Technology LT1355 Datasheet HTML 13Page - Linear Technology LT1355 Datasheet HTML 14Page - Linear Technology LT1355 Datasheet HTML 15Page - Linear Technology LT1355 Datasheet HTML 16Page - Linear Technology LT1355 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT6274/LT6275
13
6275fa
For more information www.linear.com/LT6275
large slewing outputs, and the increased power is propor-
tional to the magnitude of the differential input voltage and
the percent of the time that the inputs are apart. Measure
the average supply current for the application in order to
calculate the power dissipation.
Capacitive Loading
The LT6274/LT6275 are stable with any capacitive load.
As previously stated in the Circuit Operation section of this
data sheet, this is accomplished by dynamically sensing
the load-induced output pole and adjusting the compensa-
tion at the amplifier’s internal gain node. As the capacitive
load increases, the bandwidth will decrease. The phase
margin may increase or decrease with different capaci-
tive loads, and so there may be peaking in the frequency
domain and overshoot in the transient response for some
capacitive loads as shown in the Typical Performance
curves. The Small-Signal Step Response curve with 10nF
load shows 30% overshoot. For large load capacitance,
the slew rate of the LT6274/LT6275 can be limited by
the output current available to charge the load capacitor
according to:
SR=
ISC
CL
The Large-Signal Step Response with 10nF load shows
the output slew rate being limited to 9V/µs by the output
short-circuit current. Coaxial cable can be driven directly,
but for best pulse fidelity the cable should be properly
terminated by placing a resistor of value equal to the char-
acteristic impedance of the cable (e.g. 50Ω) in series with
the output. The other end of the cable should be termi-
nated with the same value resistor to ground.
Layout and Passive Components
The LT6274/LT6275 are easy to use and tolerant of less
than ideal layouts. For maximum performance use a
ground plane, short lead lengths, and RF-quality ceramic
bypass capacitors (0.01µF to 0.1µF). For high drive cur-
rent applications use low ESR bypass capacitors (1µF to
10µF ceramic or tantalum). The resistance of the parallel
combination of the feedback resistor and gain setting
resistor on the inverting input combines with the total
capacitance on that node, CIN, to form a pole which can
cause peaking or oscillations. If feedback resistors greater
than 5k are used, a parallel capacitor of value
CF > RG × CIN/RF
should be used to cancel the input pole and optimize
dynamic performance. For unity-gain applications where
a large feedback resistor is used, CF should be greater
than or equal to CIN.
Power Dissipation
The LT6274/LT6275 combine high speed and large out-
put drive in a small package. Because of the wide sup-
ply voltage range, it is possible to exceed the maximum
junction temperature under certain conditions. Maximum
junction temperature (TJ) is calculated from the ambient
temperature (TA), the device’s power dissipation (PD),
and the thermal resistance of the device (θJA) as follows:
TJ = TA + (PD × θJA)
Worst case power dissipation occurs at the maximum
supply current and when the output voltage is at 1/2 of
either V+ or V– (on split rails), or at the maximum out-
put swing (if less than 1/2 of the rail voltage). Therefore
PDMAX (per amplifier) is:
PDMAX = (V+ – V–)(ISMAX) + (V+/2)2/RL
Example: For an LT6274 with thermal resistance of
215°C/W, operating on ±15V supplies and driving a 1kΩ
load to 7.5V, the maximum power dissipation is calculated
to be:
PDMAX = (30V)(2.3mA) + (7.5V)2/1kΩ = 125mW
This leads to a die temperature rise above ambient of:
TRISE = (125mW)(215°C/W) = 27°C
This implies that the maximum ambient temperature at
which the LT6274 should operate under the above condi-
tions is:
TA = 150°C – 27°C = 123°C
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com