Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1357 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1357
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology LT1357 Datasheet HTML 11Page - Linear Technology LT1357 Datasheet HTML 12Page - Linear Technology LT1357 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT6274/LT6275
9
6275fa
For more information www.linear.com/LT6275
Small-Signal Step Response
(AV = 1)
Small-Signal Step Response
(AV = –1)
Small-Signal Step Response
(AV = 1, CL = 10nF)
TYPICAL PERFORMANCE CHARACTERISTICS
Large-Signal Step Response
(AV = 1)
Large-Signal Step Response
(AV = –1)
Large-Signal Step Response
(AV = 1, CL = 10nF)
VS = ±15V
20ns/DIV
6275 G37
VS = ±15V
RG = RF = 2k
20ns/DIV
6275 G38
VS = ±15V
500ns/DIV
6275 G39
VS = ±15V
50ns/DIV
6275 G40
VS = ±15V
RG = RF =2k
50ns/DIV
6275 G41
VS = ±15V
5µs/DIV
6275 G42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com